Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2C50S65M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # A2C50S65M2
Description  ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C50S65M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A2C50S65M2 Datasheet HTML 6Page - STMicroelectronics A2C50S65M2 Datasheet HTML 7Page - STMicroelectronics A2C50S65M2 Datasheet HTML 8Page - STMicroelectronics A2C50S65M2 Datasheet HTML 9Page - STMicroelectronics A2C50S65M2 Datasheet HTML 10Page - STMicroelectronics A2C50S65M2 Datasheet HTML 11Page - STMicroelectronics A2C50S65M2 Datasheet HTML 12Page - STMicroelectronics A2C50S65M2 Datasheet HTML 13Page - STMicroelectronics A2C50S65M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Figure 13. Diode reverse recovery energy vs gate
resistance
IGBT161020171430SLG
1.5
1.2
0.9
0.6
0.3
0
0
20
40
60
80
Erec
(mJ)
RG (Ω)
VCE = 300 V, IF = 50 A, VGE = ±15 V
TJ = 150 °C
TJ = 25 °C
Figure 14. Converter diode forward characteristics
(terminal)
IGBT161020171431DVF
80
60
40
20
0
0
0.4
0.8
1.2
IF
(A)
VF (V)
TJ = 150 °C
TJ = 25 °C
Figure 15. IGBT thermal impedance
IGBT161020171434ZTH
10 0
10 -1
10 -3
10 -2
10 -1
10 0
Zth
(°C/W)
t (s)
Zth (typ.) JH
Zth (max.) JC
JC
i
1
2
3
4
ri (˚C/W) 0.0781
0.2997
0.2348
0.1033
τi(s)
0.0002
0.0065
0.0344
0.2723
JH
i
1
2
3
4
ri (˚C/W) 0.0832
0.3154
0.6593
0.3770
τi(s)
0.0003
0.0104
0.0701
0.3228
RC - Foster thermal network
RC - Foster thermal network
Figure 16. Inverter diode thermal impedance
IGBT161020171435ZTHMT
10 0
10 -1
10 -3
10 -2
10 -1
10 0
Zth
(°C/W)
t (s)
Zth (typ.) JH
Zth (max.) JC
JC
i
1
2
3
4
ri (˚C/W)
0.1741
0.4993
0.2989
0.1226
τi(s)
0.0008
0.0076
0.0405
0.2723
JH
i
1
2
3
4
ri (˚C/W)
0.2109
0.5538
0.7885
0.3415
τi(s)
0.0010
0.0126
0.0785
0.3410
RC - Foster thermal network
RC - Foster thermal network
A2C50S65M2
Electrical characteristics (curves)
DS12340 - Rev 3
page 10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com