Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIB20M60S-L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGIB20M60S-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60S-L Datasheet(HTML) 2 Page - STMicroelectronics

  STGIB20M60S-L Datasheet HTML 1Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 2Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 3Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 4Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 5Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 6Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 7Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 8Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1
Internal schematic diagram and pin configuration
Figure 1. Internal schematic diagram and pin configuration
L-side
H-side
SD/OD(14 )
Cin(15)
GND(16)
TSO(17)
(18)NW
(19)NV
VbootU(2 )
NC(1)
HinU(5)
VbootW(4 )
VbootV(3 )
VccH(8)
HinW(7)
HinV(6)
LinU(10 )
GND(9)
VccL(13 )
LinW(12 )
LinV(11 )
(20)NU
(21)W
(22)V
(23)U
(24)P
(25)NC
(26)NC
AMG171020161037SA
STGIB20M60S-L
Internal schematic diagram and pin configuration
DS12604 - Rev 5
page 2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com