Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIB20M60TS-L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGIB20M60TS-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60TS-L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGIB20M60TS-L Datasheet HTML 2Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 3Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 4Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 5Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 6Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 7Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 8Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 9Page - STMicroelectronics STGIB20M60TS-L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
3.1
Inverter part
Table 6. Static
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
VCE = 600 V, VCC = Vboot = 15 V
-
100
µA
VCE(sat)
Collector-emitter saturation
voltage
VCC = VBoot = 15 V, VIN(1)= 0 to 5 V
IC = 20 A
-
1.55
2.0
V
VCC = VBoot = 15 V, VIN(1) = 0 to 5 V,
IC = 25 A
-
1.75
VF
Diode forward voltage
VIN(1) = 0 V, IC = 20 A
-
1.8
2.5
V
VIN(1) = 0 V, IC = 25 A
-
1.95
V
1. Applied among HINx, LINx and GND for x = U, V, W
Table 7. Inductive load switching time and energy
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ton(1)
Turn-on time
VDD = 300 V, VCC = Vboot = 15 V,
VIN(2) = 0 to 5 V, IC = 20 A
-
422
-
ns
tc(on)(1)
Cross-over time on
-
205
-
toff(1)
Turn-off time
-
422
-
tc(off)(1)
Cross-over time off
-
182
-
trr
Reverse recovery time
-
310
-
Eon
Turn-on switching energy
-
655
-
µJ
Eoff
Turn-off switching energy
-
460
-
Err
Reverse recovery energy
-
120
-
ton(1)
Turn-on time
VDD = 300 V, VCC = Vboot = 15 V,
VIN(2) = 0 to 5 V, IC = 25 A
-
469
-
ns
tc(on) (1)
Cross-over time on
-
240
-
toff(1)
Turn-off time
-
400
-
tc(off)(1)
Cross-over time off
-
170
-
trr
Reverse recovery time
-
320
-
Eon
Turn-on switching energy
-
974
-
µJ
Eoff
Turn-off switching energy
-
550
-
Err
Reverse recovery energy
-
126
-
1. ton and toff include the propagation delay time of the internal drive. tC(on) and tC(off) are the switching times of the IGBT itself
under the internally given gate driving condition.
2. Applied among HINx, LINx and GND for x = U, V, W
STGIB20M60TS-L
Electrical characteristics
DS11295 - Rev 8
page 6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com