Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIB20M60TS-LZ Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIB20M60TS-LZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60TS-LZ Datasheet(HTML) 5 Page - STMicroelectronics

  STGIB20M60TS-LZ Datasheet HTML 1Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 2Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 3Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 4Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 5Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 6Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 7Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 8Page - STMicroelectronics STGIB20M60TS-LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2.1
Thermal data
Table 5. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case single IGBT
1.4
°C/W
Thermal resistance, junction-to-case single diode
3
STGIB20M60TS-LZ
Thermal data
DS13453 - Rev 2
page 5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com