Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STIPNS2M50T-H Datasheet(PDF) 7 Page - STMicroelectronics

Part # STIPNS2M50T-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPNS2M50T-H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STIPNS2M50T-H Datasheet HTML 3Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 4Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 5Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 6Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 7Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 8Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 9Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 10Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
3
Electrical characteristics
3.1
Inverter part
TJ = 25 °C unless otherwise specified
Table 6. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero-gate voltage drain current
VDS = 500 V, VCC = 15 V, VBoot = 15 V
1
mA
V(BR)DSS
Drain-source breakdown
voltage
VCC= Vboot = 15 V, VIN (1) = 0 V,
ID = 1 mA
500
V
RDS(on)
Static drain-source turn-on
resistance
VCC = Vboot = 15 V, VIN (1) = 0 to 5 V,
ID = 1.2 A
1.5
1.7
Ω
VSD
Drain-source diode forward
voltage
VIN (1) = 0 “logic state”, ID = 2 A
0.9
1.6
V
1. Applied among HINx, LINx and GND for x = U, V, W.
Table 7. Inductive load switching time and energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ton (1)
Turn-on time
VDD = 300 V,
VCC = Vboot = 15 V,
VIN (2) = 0 to 5 V,
ID = 1.2 A
(see Figure 4. Switching time definition)
-
267
-
ns
tc(on) (1)
Crossover time (on)
-
153
-
toff (1)
Turn-off time
-
265
-
tc(off) (1)
Crossover time (off)
-
46
-
trr
Reverse recovery time
-
192
-
Eon
Turn-on switching energy
-
61
-
µJ
Eoff
Turn-off switching energy
-
4
-
1. tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the switching time of MOSFET
itself under the internally given gate driving conditions.
2. Applied among HINx, LINx and GND for x = U, V, W.
STIPNS2M50T-H
Electrical characteristics
DS12102 - Rev 3
page 7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com