Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPRDC02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPRDC02
Description  High performance high voltage full-bridge driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPRDC02 Datasheet(HTML) 1 Page - STMicroelectronics

  STPRDC02 Datasheet HTML 1Page - STMicroelectronics STPRDC02 Datasheet HTML 2Page - STMicroelectronics STPRDC02 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VFQFPN 4x4 mm
Features
•
60 V full-bridge driver for N-Channel MOSFETs
•
Adjustable dead-time control
•
2 A sink/source current
•
Operating frequency up to 1 MHz
•
Enable input
•
Programmable overcurrent-protection
•
VFQFPN, 4x4 mm package
Application
•
High current high performance Step-Down conversion
Description
The STPRDC02 is a 60 V, high-voltage, full-bridge MOSFET driver IC to implement a
control scheme specific to primary-side in STVCOT™-based resonant / non-resonant
converters. It provides four high-current gate drive outputs, each capable of driving
one or more N-channel Power MOSFETs.
The device features programmable dead-time control to optimize MOSFETs
switching and reduce losses in order to optimize the overall efficiency.
Two PWM inputs control the two half-bridge sections independently. EN pin, when
low, forces all the gate drive to low regardless of the PWMs status implementing an
HiZ.
Overcurrent protection is programmable and senses through a common shunt
resistance to be connected in series to the Low-Side power MOSFETs.
The STPRDC02 is available in VFQFPN, 4x4 mm package with exposed pad.
Product status
STPRDC02
Product summary
Order code
STPRDC02TR
Package
VFQFPN
Packing
Tape & Reel
High performance high voltage full-bridge driver
STPRDC02
Data brief
DB3542 - Rev 1 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPRDC02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
More results

Similar Description - STPRDC02

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1900 MSK-MSK1900 Datasheet
254Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1911 MSK-MSK1911 Datasheet
197Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK645 MSK-MSK645 Datasheet
222Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
logo
Sanken electric
SLA2402M SANKEN-SLA2402M Datasheet
57Kb / 3P
High Voltage Full Bridge Drive ICs
logo
Mitsubishi Electric Sem...
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
Sanken electric
SLA2402MS SANKEN-SLA2402MS Datasheet
837Kb / 3P
High Voltage Full Bridge Drive ICs
logo
STMicroelectronics
PWD13F60 STMICROELECTRONICS-PWD13F60 Datasheet
757Kb / 26P
High-density power driver -high voltage full bridge with integrated gate driver
02-Nov-2017
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
PWD5F60 STMICROELECTRONICS-PWD5F60 Datasheet
732Kb / 26P
High density power driver - high voltage full bridge with integrated comparators
03-Jul-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com