Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT823T Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74FCT823T
Description  Fast CMOS Bus Interface Registers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT823T Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74FCT823T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT821T/823T/825T
(25
Ω
Ω
Ω
Ω
Ω Series) P174FCT2821T/2823T
BUS INTERFACE REGISTERS
PS2023A 03/11/96
PI74FCT825T Switching Characteristics over Operating Range
825AT
825BT
825CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
10.0
1.5
7.5
1.5
6.0
ns
tPHL
CP to YN
RL = 500
Ω
(OE = LOW)
CL = 300 pF(3)
1.5
20.0
1.5
15.0
1.5
12.5
ns
RL = 500
Ω
tSU
Setup Time HIGH or
CL = 50 pF
4.0
—
3.0
—
3.0
—
ns
LOW, DN to CP
RL = 500
Ω
tH
Hold Time HIGH or
2.0
—
1.5
—
1.5
—
ns
LOW, DN to CP
tSU
Setup Time HIGH or
4.0
—
3.0
—
3.0
—
ns
LOW, EN to CP
tH
Hold Time HIGH or
2.0
—
0
—
0
—
ns
LOW, EN to CP
tPHL
Propagation Delay,
1.5
13.0
1.5
9.0
1.5
8.0
ns
CLR to YN
tREM
Recovery Time,
6.0
—
6.0
—
6.0
—
ns
CLR to CP
tW
Clock Pulse Width
7.0
—
5.0
—
6.0
—
ns
HIGH or LOW
tW
CLR Pulse Width(3)
6.0
—
6.0
—
6.0
—
ns
LOW
tPZH
Output Enable Time
CL = 50 pF
1.5
11.5
1.5
8.0
1.5
7.0
ns
tPZL
OE to YN
RL = 500
Ω
CL = 300 pF(3)
1.5
23.0
1.5
15.0
1.5
12.5
ns
RL = 500
Ω
tPHZ
Output Disable Time(3)
CL = 50 pF
1.5
7.0
1.5
6.5
1.5
6.2
ns
tPLZ
OE to YN
RL = 500
Ω
CL = 300 pF(3)
1.5
8.0
1.5
7.5
1.5
6.5
ns
RL = 500
Ω
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com