Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHT11 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DHT11
Description  DHT11 Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DHT11 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DHT11 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page | 3
Each DHT11 element is strictly calibrated in the laboratory that is extremely accurate on
humidity calibration. The calibration coefficients are stored as programmes in the OTP memory,
which are used by the sensor’s internal signal detecting process. The single-wire serial interface
makes system integration quick and easy. Its small size, low power consumption and up-to-20
meter signal transmission making it the best choice for various applications, including those
most demanding ones. The component is 4-pin single row pin package. It is convenient to
connect and special packages can be provided according to users’ request.
2. Technical Specifications:
Overview:
Item
Measurement
Range
Humidity
Accuracy
Temperature
Accuracy
Resolution
Package
DHT11
20-90%RH
0-50 ℃
±5%RH
±2℃
1
4 Pin Single
Row



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com