| Electronic Components Datasheet Search |
|
SH79F166AF/044FR Datasheet(PDF) 12 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AF/044FR Datasheet(HTML) 12 Page - SINOWEALTH Electronic Ltd |
|
12 / 113 page ![]() SH79F166A 12 Table 6.7 Port SFRs Mnem Add Name POR/WDT/LVR /PIN Reset Value Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 P0 80H Bank0 8-bit Port 0 00000000 P0.7 P0.6 P0.5 P0.4 P0.3 P0.2 P0.1 P0.0 P1 90H Bank0 8-bit Port 1 00000000 P1.7 P1.6 P1.5 P1.4 P1.3 P1.2 P1.1 P1.0 P2 A0H Bank0 8-bit Port 2 00000000 P2.7 P2.6 P2.5 P2.4 P2.3 P2.2 P2.1 P2.0 P3 B0H Bank0 8-bit Port 3 00000000 P3.7 P3.6 P3.5 P3.4 P3.3 P3.2 P3.1 P3.0 P4 C0H Bank0 5-bit Port 4 ---00000 - - - P4.4 P4.3 P4.2 P4.1 P4.0 P5 80H Bank1 4-bit Port 5 ----0000 - - - - P5.3 P5.2 P5.1 P5.0 P0CR E1H Bank0 Port0 input/output direction control 00000000 P0CR.7 P0CR.6 P0CR.5 P0CR.4 P0CR.3 P0CR.2 P0CR.1 P0CR.0 P1CR E2H Bank0 Port1 input/output direction control 00000000 P1CR.7 P1CR.6 P1CR.5 P1CR.4 P1CR.3 P1CR.2 P1CR.1 P1CR.0 P2CR E3H Bank0 Port2 input/output direction control 00000000 P2CR.7 P2CR.6 P2CR.5 P2CR.4 P2CR.3 P2CR.2 P2CR.1 P2CR.0 P3CR E4H Bank0 Port3 input/output direction control 00000000 P3CR.7 P3CR.6 P3CR.5 P3CR.4 P3CR.3 P3CR.2 P3CR.1 P3CR.0 P4CR E5H Bank0 Port4 input/output direction control ---00000 - - - P4CR.4 P4CR.3 P4CR.2 P4CR.1 P4CR.0 P5CR E1H Bank1 Port5 input/output direction control ----0000 - - - - P5CR.3 P5CR.2 P5CR.1 P5CR.0 P0PCR E9H Bank0 Internal pull-high enable for Port0 00000000 P0PCR.7 P0PCR.6 P0PCR.5 P0PCR.4 P0PCR.3 P0PCR.2 P0PCR.1 P0PCR.0 P1PCR EAH Bank0 Internal pull-high enable for Port1 00000000 P1PCR.7 P1PCR.6 P1PCR.5 P1PCR.4 P1PCR.3 P1PCR.2 P1PCR.1 P1PCR.0 P2PCR EBH Bank0 Internal pull-high enable for Port2 00000000 P2PCR.7 P2PCR.6 P2PCR.5 P2PCR.4 P2PCR.3 P2PCR.2 P2PCR.1 P2PCR.0 P3PCR ECH Bank0 Internal pull-high enable for Port3 00000000 P3PCR.7 P3PCR.6 P3PCR.5 P3PCR.4 P3PCR.3 P3PCR.2 P3PCR.1 P3PCR.0 P4PCR EDH Bank0 Internal pull-high enable for Port4 ---00000 - - - P4PCR.4 P4PCR.3 P4PCR.2 P4PCR.1 P4PCR.0 P5PCR E9H Bank1 Internal pull-high enable for Port5 ----0000 - - - - P5PCR.3 P5PCR.2 P5PCR.1 P5PCR.0 P0OS EFH Bank0 Output mode control --00---- - - P0OS.5 P0OS.4 - - - - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |