Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6489P/080PR Datasheet(PDF) 83 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 83 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 84Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 85Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 152 page
background image
SH79F6488/SH79F6489
83
8.3.5 Operating Modes
The Serial Peripheral Interface can be configured as one of the two modes, master mode or slave mode. The configuration and
initialization of the SPI module is made through SPCON (the serial peripheral control register) and SPSTA (the serial peripheral
status register). Once the SPI is configured, the data exchange is made using SPCON, SPSTA and SPDAT (the serial
peripheral data register).
During an SPI transmission, data is simultaneously transmitted (shifted out serially) and received (shifted in serially). A serial
clock line (SCK) synchronizes shifting and sampling on the two serial data lines (MOSI and MISO). A slave select line (SS
———
)
allows individual selection of a SPI slave; SPI slaves that are not selected do not interfere with SPI bus activities.
When the SPI master transmits data to the SPI slave via the MOSI line, the SPI slave responds by sending data to the SPI
master via the MISO line. This implies full-duplex transmission with both data out and data in synchronized with the same clock.
Both transmit shift register and receive shift register uses the same SFR Address, a write operation to SPDAT will write to the
transmit shift register, and a read operation from SPDAT will retrieve the data in receive shift register.
Master MCU
8-bit Shift Register
SPI
Clock Generator
MISO
MOSI
SCK
SS
VDD
MISO
MOSI
SCK
SS
VSS
Slave MCU
8-bit Shift Register
Full-Duplex Master-Slave Interconnection Diagram
Master Mode
(1) Enable
A SPI master device initiates all data transfers on a SPI bus. The SPI operates in master mode when the MSTR is set in
SPCON register. Only one master can initiate transmission.
(2) Transmit
When in SPI master mode, writing a byte of data to the SPI data register (SPDAT) will write to the transmit shift buffer. If the
transmit shift register already contains data, the SPI master will generate a WCOL signal to indicate writing too fast. But the
data in transmit shift register will not be affected, and the transmission continues uninterrupted. Else if the transmit shift
register is empty, the SPI master will immediately shifts out the data serially on the MOSI line while providing the serial clock
on SCK. The SPIF flag in SPSTA register is set to logic ‘1’ at the end of the transfer. If interrupts are enabled, an interrupt
request is generated when the SPIF flag is set.
(3) Receive
While the master transfers data to a slave on the MOSI line, the addressed slave simultaneously transfers the contents of its
transmit shift register to the master’s receive shift register on the MISO line in a full-duplex operation. Therefore, the SPIF
flag serves as both a transmit-complete and receive-data-ready flag. The data byte received from the slave is transferred
MSB-first or LSB-first into the master's shift register. When a byte is fully shifted into the register, it is moved to the receive
buffer where it can be read by the processor by reading SPDAT. If an overrun occurs, RXOV signal will be set to indicate
data over-run occurs, and the receive shift register keep the byte that SPIF was lastly set, also the SPI master will not
receive any further data until SPIF was cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com