Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6489P/080PR Datasheet(PDF) 114 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 114 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 116Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 118Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 152 page
background image
SH79F6488/SH79F6489
114
8.9.4 Registers
There are three reset sources for USB registers control
(1) POR/WDT/LVR/PIN etc traditional reset sources.
(2) Bus Reset. It is the USB bus reset. Some registers will be reset by bus reset.
(3) USB Software Reset. It is generated by setting SWRST bit in USBCON register. Some USB module registers will be reset,
and the USB status machine resume to initial states.
Table 8.33 USB Control Register
99H (Bank1)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
USBCON
ENUSB
SW1CON
SWRST
DPSTA
DMSTA
-
-
GOSUSP
R/W
R/W
R/W
R/W
R
R
-
-
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
-
-
0
Bus Reset Value
(USB RESET)
U
U
U
U
U
-
-
U
USB Software Reset
Value
U
U
U
U
U
-
-
0
Bit No.
Bit Mnemonic
Description
7
ENUSB
USB Module Enable bit
0: Disable USB module
1: Enable USB module
6
SW1CON
SW1 On-Off Control bit
0: Open 1.5K Pull-high resistor on the D+ line
1: Connect 1.5K Pull-high resistor on the D+ line
User's program may simulate the USB plug/unplug process by SW1 on-off bit. If
disable the USB module, this bit will be auto-cleared.
5
SWRST
USB Software Reset
0: Exit USB Software Reset
1: Writing ‘1’ will generate USB Software Reset. Some USB module registers
will be reset, and the USB status machine resume to initial states
4
DPSTA
D+ State
0:D+ Low
1:D+ High
3
DMSTA
D- State
0:D- Low
1:D- High
0
GOSUSP
USB Suspend State Selection bit
0: Exit Suspend State
1: Enter Suspend State
When user‘s program need to set the device into suspend state, this bit should
be setted. When the USB port received Resume Command or Bus Reset
Command, this bit should be cleared to exit suspend state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com