Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6489P/080PR Datasheet(PDF) 138 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 138 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 134Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 135Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 136Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 137Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 138Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 139Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 140Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 141Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 142Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 152 page
background image
SH79F6488/SH79F6489
138
(continue)
Parameter
Symbol
Min.
Typ.
∗
Max.
Unit
Condition
WDT Current
IWDT
-
1
3
µA
All output pins unload, WDT on, VDD = 5.0V
Input Low Voltage 1
VIL1
GND
-
0.3 X VDD
V
I/O Ports
Input High Voltage 1
VIH1
0.7 X VDD
-
VDD
V
I/O Ports
Input Low Voltage 2
VIL2
GND
-
0.2 X VDD
V
RESET
——-------——
, T2, T3, T4, INT0/1/2/3/4, T2EX, RXD
Input High Voltage 2
VIH2
0.8 X VDD
-
VDD
V
RESET
——-------——
, T2, T3, T4, INT0/1/2/3/4, T2EX, RXD
Input Leakage Current
IIL
-1
-
1
µA
Input pad, VIN = VDD or GND
Pull-high Resistor
RPH
-
30
-
k
Ω
VDD = 5.0V, VIN = GND
Output High Voltage
VOH
VDD - 0.7
-
-
V
I/O Ports, IOH = -10mA, VDD = 5.0V
Output Low Voltage
VOL
-
-
GND + 0.6
V
I/O Ports, IOL = 15mA, VDD = 5.0V
LCD Resistor
RON
-
5
-
k
Ω
SEG1 - 36, COM1 - 4
Note:
(1) “
∗” Data in “Typ.” Column is at 5.0V, 25°C, unless otherwise specified.
(2) Maximum value of the supply current to VDD is less than 100mA.
(3) Maximum value of the output current from GND is less than 150mA.
A/D Converter Electrical Characteristics (VDD = 3.0 - 5.5V, VDDR = 2.7V, GND = 0V, TA = 25℃, Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDDR
-
2.7
-
V
Resolution
NR
-
16
-
bit
0.4
≤ V
AIN ≤ 1.6
A/D reference Voltage
VREF
0.4
-
1.6
V
A/D Input Voltage
VAIN
0.4
-
1.6
V
Differential linearity error
DLE
-
±0.5
±1.0
LSB
VREF = 0.6V, FAD = 25Hz
Integral linearity error
ILE
-
±0.010 ±0.015
%FS
VREF = 0.6V, FAD = 25Hz
A/D conversion current
IAD
-
1
1.5
mA
ADC module operating
A/D clock
FADCLK
-
100
400
kHz
A/D conversion rate
FAD
-
25
100
Hz
reference Voltage2
VREF2
-
1.19
-
V
reference Voltage2
reference Voltage2
temperature coefficient
DREF2
-
±25
±40
ppm/°C reference Voltage2
Programmable Gain Amplifier (PGA) Electrical Characteristics
(VDD = 3.0 - 5.5V, VDDR = 2.7V, GND = 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ*
Max.
Unit
Condition
Operating Voltage
VDDR
-
2.7
-
V
Input Offset Voltage1
VIO1
-
±20
±50
uV
Chopper on
Input Offset Voltage2
VIO2
-
±1
±2.5
mV
Chopper off
Common-mode Output range
VO_PGA
0.4
-
1.6
V
Common-mode Input Range
VICR1
0.4
-
2.0
V
AIN0 - AIN2
Single-end mode Input Range
VICR2
0.6
-
VDDR - 0.3
V
AN0 - AN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com