Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP5316 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BCP5316
Description  LOW POWER PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCP5316 Datasheet(HTML) 1 Page - STMicroelectronics

  BCP5316 Datasheet HTML 1Page - STMicroelectronics BCP5316 Datasheet HTML 2Page - STMicroelectronics BCP5316 Datasheet HTML 3Page - STMicroelectronics BCP5316 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP53-16
LOW POWER PNP TRANSISTOR
s
SILICON EPITAXIAL PLANAR PNP MEDIUM
VOLTAGE TRANSISTOR
s
SOT-223 PLASTIC PACKAGE FOR
SURFACE MOUNTING CIRCUITS
s
TAPE AND REEL PACKING
s
THE NPN COMPLEMENTARY TYPE IS
BCP56-16
APPLICATIONS
s
MEDIUM VOLTAGE LOAD SWITCH
TRANSISTORS
s
OUTPUT STAGE FOR AUDIO AMPLIFIERS
CIRCUITS
s
AUTOMOTIVE POST-VOLTAGE
REGULATION
®
INTERNAL SCHEMATIC DIAGRAM
September 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-100
V
VCEO
Collector-Emitter Voltage (IB = 0)
-80
V
VCER
Collector-Emitter Voltage (RBE = 1K
Ω)
-100
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-1
A
ICM
Collector Peak Current (tp < 5 ms)
-1.5
A
IB
Base Current
-0.1
A
IBM
Base Peak Current (tp < ms)
-0.2
A
Ptot
Total Dissipation at Tamb = 25
oC
1.6
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
2
3
SOT-223
Ordering Code
Marking
BCP53-16
BCP5316
1/4


Similar Part No. - BCP5316

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP5316DTWG ONSEMI-BCP5316DTWG Datasheet
199Kb / 6P
General Purpose Transistor Medium Power, PNP 80V, 1A
September, 2023 - Rev. 0
BCP5316MTWG ONSEMI-BCP5316MTWG Datasheet
199Kb / 6P
General Purpose Transistor Medium Power, PNP 80V, 1A
September, 2023 - Rev. 0
logo
Diodes Incorporated
BCP5316Q DIODES-BCP5316Q Datasheet
406Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
BCP5316QTA DIODES-BCP5316QTA Datasheet
116Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
BCP5316QTA DIODES-BCP5316QTA Datasheet
406Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
More results

Similar Description - BCP5316

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
LOW POWER PNP SILICON TRANSISTOR
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
PNP LOW POWER SILICON TRANSISTOR
logo
STMicroelectronics
ST631K STMICROELECTRONICS-ST631K Datasheet
56Kb / 7P
LOW VOLTAGE PNP POWER TRANSISTOR
26-Jul-2005
BCP52-16 STMICROELECTRONICS-BCP52-16 Datasheet
48Kb / 4P
LOW POWER PNP TRANSISTOR
Sep-2003
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
Low voltage PNP power transistor
25-Jun-2007
logo
Microsemi Corporation
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
2N3250A MICROSEMI-2N3250A_1 Datasheet
135Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB564 NJSEMI-2SB564 Datasheet
91Kb / 1P
Si PNP LOW-POWER TRANSISTOR
logo
Microsemi Corporation
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
logo
Diodes Incorporated
ZXTP25020CFH DIODES-ZXTP25020CFH_16 Datasheet
432Kb / 7P
20V PNP LOW POWER TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com