Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWFE2J155 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWFE2J155
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE2J155 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWFE2J155 Datasheet HTML 1Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 2Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 3Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 4Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 5Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 6Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 7Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 8Page - Panasonic Semiconductor ECWFE2J155 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ECWFE series
■ Rated voltage [DC] : 630 V [DC], Capacitance tolerance : ±5 %(J), ± 10 %(K)
*□:Capacitance tolerance code
Note
)Part Number marked with bold is Special Lead space product.
*( ):Suffix for lead crimped
The capacitance of 0.10 μF, 0.15 μF, 0.22 μF, 0.33 μF, 0.47 μF, 1.0 μF, 1.5 μF, 2.2 μF
are "5" or "D"
400
0.6
0±0.8
1.3
1000
600
1.75
0.8
0±0.8
600
600
15.0
0.6
0±0.8
1.3
600
ECWFE2J684
□( )
0.68
17.5
11.0
17.5
1.8
31.0
9.0
19.0
27.5
0.8
0±0.8
1.75
ECWFE2J105Q( )
ECWFE2J155
□( )
1.5
26.0
Should a safety concern arise regarding this product, please be sure to contact us immediately.
31-May-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
ECWFE2J225Q( )
ECWFE2J225P( )
22.5
0.8
0±0.8
1.8
500
ECWFE2J105
□( )
1.0
26.0
10.0
17.0
2.2
13.0
23.0
27.5
0.8
0±0.8
1.75
ECWFE2J105P( )
1.0
ECWFE2J474
□( )
0.47
17.5
10.0
15.5
15.0
ECWFE2J474Q( )
ECWFE2J474P( )
0.47
26.0
8.0
15.0
22.5
800
ECWFE2J334P( )
ECWFE2J334
□( )
0.33
17.5
8.5
14.5
15.0
700
500
ECWFE2J334Q( )
0.33
26.0
7.0
14.0
22.5
0.8
1.75
0±0.8
ECWFE2J224
□( )
0.22
17.5
7.0
12.5
15.0
ECWFE2J224Q( )
ECWFE2J224P( )
0.22
26.0
6.0
13.0
22.5
ECWFE2J154Q( )
0.15
26.0
6.0
13.0
22.5
0.8
0±0.8
1.75
0.10
26.0
6.0
13.0
22.5
0.8
0±0.8
ECWFE2J154P( )
ECWFE2J154
□( )
0.15
17.5
6.0
11.5
15.0
ECWFE2J104Q( )
ECWFE2J104P( )
Straight
Cut lead
ECWFE2J104
□( )
0.10
17.5
5.0
10.5
15.0
Part No.
Dimensions (mm)
Cap.
(μF)
Min. order Q'ty
(PCS)
L
T
H
F
ød
P
Q
1000
1000
1.75
300
400
0.6
0±0.8
1.3
1000
1000
900
700
0.6
0±0.8
1.3
1000
1000
0.8
1.75
900
700
0±0.8
0.6
0±0.8
1.3
1000
Rating · Dimensions · Quantity
31.0
1.8
300
200
ECWFE2J155P( )
1.5
31.0
11.0
21.0
27.5
0.8
0±0.8
1.75
200
ECWFE2J155Q( )
ECWFE2J225
□( )
2.2
26.0
900
700
0.6
0±0.8
1.3
16.0
23.0
22.5
0.8
0±0.8
12.0
19.0
22.5
0.8
0±0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com