Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU0890C Datasheet(PDF) 2 Page - Lumics GmbH

Part # LU0890C
Description  LU0890C Diode Laser Up to 110 W c.w. Operating Power @ 890 nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH

LU0890C Datasheet(HTML) 2 Page - Lumics GmbH

  LU0890C Datasheet HTML 1Page - Lumics GmbH LU0890C Datasheet HTML 2Page - Lumics GmbH LU0890C Datasheet HTML 3Page - Lumics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical and Optical Characteristics
Typical laser specifications at 25° C *
Lumics GmbH Berlin. This specification is subject to change without notice.
We manufacture diode lasers.
Member of
Group
Parameter
Conditions Symbol
140 W in 200µm
Unit
Maximum output power (1)
c.w.
Pop
110
W
Operating current (2)
c.w.
Iop
11.0
A
Peak wavelength (5)
at Iop
l
890 ±10
nm
Spectral width (FWHM)
Dl
2-6
nm
Threshold current
Ith
<1.9
A
Operating voltage (maximum)
Vf
23
V
Conversion efficiency (maximum)
45
%
Wavelength tuning vs. temperature
l
/ T
0.3
nm/K
Wavelength tuning vs. operating current
l
/ I
0.6
nm/A
Weight
m
1200
g
Thermal resistance (bottom to temp. sensor)
Rth
0.04
K/W
Output fiber (SMA905)
Core diameter of output fiber (minimum)
dcore
200
µm
Fiber centricity
± 10
µm
Numerical aperture
NA
0.22
Temperature sensor
LM35, NTC (10k) or PT100/1000 (please specify)
Power monitor
PD
5-30
mV/W
Options
Option 1: Red pilot laser
C.w. output power min. value (4)
Ppilot
1-3
mW
Peak wavelength
l
pilot
635 ± 10
nm
Operating voltage
5
V
Option 2: Green pilot laser
C.w. output power min. value (4)
Ppilot
1-2
mW
Peak wavelength
l
pilot
520 ± 10
nm
Operating voltage
8
V
Pilot power control
Ppilot_contr
0-5
V
Option 3: Water cooling base plate
Recommended water temperature
T
<18
°C
Minimum water flux (Industrial Water, no DI-water)
1.5
l/min
Option 4: Fiber sensor
Internal (resistive) fiber detection sensor signal voltage
12
V
A second fiber sensor is an external inductive sensor with three wire cable (Vcc=12V, GND, Signal 12/2V when fiber is plug/not plugged)
Notes: * taken at internal temperature sensor, Avoid direct feedback from materials like mirrors, optics, processed material etc. back into laser module via the fiber cable by more than
10%.
(1) Power is measured ex fiber according to given fiber specifications including measures and tolerances of fiber and ferrules for uncoated fiber facets.
(2) Do not exceed maximum forward current by more than 5% above given operating current and if given by the maximum current otherwise the laser diode may be damaged.
(3) Rule of thumb: Power ex fiber decreases up to 5% (<1100nm) and up to 7% (>1400nm) every 10 °C temperature increase at internal temperature sensor. Lifetime decreases
by about factor of two every 10 °C. Required flatness of customer heat sink 0.05mm over 150mm to achieve necessary contact to the heat sink.
(4) Red and green minimum pilot power is set at factory by customer request. Standard is 1 mW.
(5) Narrower wavelength (+/- 3nm) on request.
Calculation example of necessary water temperature for 10 W output power:
Thermal load = Output power * (1/conversion efficiency - 1), Water temperature = internal temperature - thermal load * Thermal resistance
Example: Output power: 100 W, Conversion efficiency: 0.4, Thermal resistance: 0.07 K/W, Internal temperature: 25 °C
Thermal load = 100 W * (1/0.4 - 1) = 150 W, Water temperature = 25 °C - 150 W * 0.07 K/W = 15 °C, (water flux must be adjusted accordingly)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com