Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50N03. Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # 50N03.
Description  N-Channel 30 V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

50N03. Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  50N03. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
50
100
150
200
250
0
4
8
12
16
20
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 6 V
V
GS = 3 V
V
GS = 4 V
V
GS = 5 V
10
100
1000
10000
0
40
80
120
160
200
0
1020304050
Axis Title
I
D - Drain Current (A)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
500
1000
1500
2000
2500
0
6
12
18
24
30
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0
20
40
60
80
100
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0.000
0.002
0.004
0.006
0.008
0.010
0
20406080
100
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 4.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0
1020304050
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
I
D = 50 A
V
DS = 20 V
www.VBsemi.com
m
m
m
m
m
m
m
m
m
服务热线:400-655-8788
50N03.
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com