Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT5-522FA_P Datasheet(PDF) 12 Page - OSRAM GmbH

Part # PLT5-522FA_P
Description  Metal Can® TO56
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5-522FA_P Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button PLT5-522FA_P Datasheet HTML 6Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 7Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 8Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 9Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 10Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 11Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 12Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 13Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PLT5 522FA _P
DATASHEET
DATASHEET
12 | Version α.1 | 2022-09-15
Glossary
1)
Operating/Forward current: IF is measured with an internal reproducibility of ±7 % (acc. to GUM with a
coverage factor of k = 3).
2)
Reverse Operation: This product is intended to be operated applying a forward current within the speci-
fied range. Applying any reverse bias shall be avoided.
3)
Operating/Forward voltage: VF is measured with an internal reproducibility of ±0.05 V (acc. to GUM
with a coverage factor of k = 3).
4)
Wavelength: The wavelengths are measured with a tolerance of ±1 nm.
5)
Beam pointing accuracy: The values may contain measurement deviations.
6)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com