Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD20H60C Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD20H60C
Description  60 V field-effect rectifier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20H60C Datasheet(HTML) 3 Page - STMicroelectronics

  FERD20H60C Datasheet HTML 1Page - STMicroelectronics FERD20H60C Datasheet HTML 2Page - STMicroelectronics FERD20H60C Datasheet HTML 3Page - STMicroelectronics FERD20H60C Datasheet HTML 4Page - STMicroelectronics FERD20H60C Datasheet HTML 5Page - STMicroelectronics FERD20H60C Datasheet HTML 6Page - STMicroelectronics FERD20H60C Datasheet HTML 7Page - STMicroelectronics FERD20H60C Datasheet HTML 8Page - STMicroelectronics FERD20H60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FERD20H60C
Characteristics
DocID030963 Rev 1
3/12
1.1
Characteristics (curves)
Figure 1: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 2: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 3: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
Figure 4: Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 5: Forward voltage drop versus forward
current (typical values, per diode)
Figure 6: Forward voltage drop versus forward
current (typical values, per diode)
0
5
10
15
20
25
0
25
50
75
100
125
150
175
Tamb(°C)
IF(AV)(A)
Rth(j-a) = Rth(j-c)
T
δ =tp/T
tp
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c) /Rth(j-c)
Single pulse
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
30
40
50
60
VR(V)
IR(mA)
Tj = 125 °C
Tj = 25 °C
Tj = 50 °C
Tj = 75 °C
Tj = 100 °C
Tj = 150 °C
100
1000
10000
1
10
100
VR(V)
C(pF)
F = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com