Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD20U60DJFD Datasheet(PDF) 4 Page - STMicroelectronics

Part # FERD20U60DJFD
Description  Field effect rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20U60DJFD Datasheet(HTML) 4 Page - STMicroelectronics

  FERD20U60DJFD Datasheet HTML 1Page - STMicroelectronics FERD20U60DJFD Datasheet HTML 2Page - STMicroelectronics FERD20U60DJFD Datasheet HTML 3Page - STMicroelectronics FERD20U60DJFD Datasheet HTML 4Page - STMicroelectronics FERD20U60DJFD Datasheet HTML 5Page - STMicroelectronics FERD20U60DJFD Datasheet HTML 6Page - STMicroelectronics FERD20U60DJFD Datasheet HTML 7Page - STMicroelectronics FERD20U60DJFD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
FERD20U60DJFD
4/8
DocID027416 Rev 2
Figure 7: Thermal resistance junction to ambient
versus copper surface under tab (typical values)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
R th( j - a)(°C/W)
SCu (cm²)
Epoxy printed board Fr4, copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com