Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3DHH Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS3DHH
Description  MEMS motion sensor three-axis digital output accelerometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS3DHH Datasheet HTML 21Page - STMicroelectronics LIS3DHH Datasheet HTML 22Page - STMicroelectronics LIS3DHH Datasheet HTML 23Page - STMicroelectronics LIS3DHH Datasheet HTML 24Page - STMicroelectronics LIS3DHH Datasheet HTML 25Page - STMicroelectronics LIS3DHH Datasheet HTML 26Page - STMicroelectronics LIS3DHH Datasheet HTML 27Page - STMicroelectronics LIS3DHH Datasheet HTML 28Page - STMicroelectronics LIS3DHH Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Register description
LIS3DHH
26/29
DocID030220 Rev 3
7.13
FIFO_SRC (2Fh)
FIFO status register.
Table 29. FIFO_SRC register
Table 30. FIFO_SRC register description
The FSS is the FIFO stored data level of the unread samples. When it is equal to FTH, all
data available in FIFO are read without additional read operations.
The INT output is high when the number of samples to read is equal to or greater than FTH.
Figure 16. Continuous mode: FTH/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FTH
FIFO threshold status.
(0: FIFO filling is lower than threshold level; 1: FIFO filling is equal to or higher than
the threshold level
OVRN
FIFO overrun status.
(0: FIFO is not completely filled; 1: FIFO is completely filled and at least one sample
has been overwritten) For further details refer to Table 31.
FSS [5:0]
Number of unread samples stored in FIFO.
(000000: FIFO empty; 100000: FIFO full, 32 unread samples)
For further details refer to Table 31.
Table 31. FIFO_SRC example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
000000
FIFO empty
--(1)
1. When the number of unread samples in FIFO is equal to or greater than the threshold level set in register
FIFO_CTRL (2Eh), the FTH value is ‘1’.
0
0
000011 unread sample
...
--(1)
0
1
0000032 unread samples
0(1)
1
1
00000
At least one sample has
been overwritten



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com