Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STISO621TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STISO621TR
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621TR Datasheet(HTML) 1 Page - STMicroelectronics

  STISO621TR Datasheet HTML 1Page - STMicroelectronics STISO621TR Datasheet HTML 2Page - STMicroelectronics STISO621TR Datasheet HTML 3Page - STMicroelectronics STISO621TR Datasheet HTML 4Page - STMicroelectronics STISO621TR Datasheet HTML 5Page - STMicroelectronics STISO621TR Datasheet HTML 6Page - STMicroelectronics STISO621TR Datasheet HTML 7Page - STMicroelectronics STISO621TR Datasheet HTML 8Page - STMicroelectronics STISO621TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
•
Dual channel, digital isolator with 1 – 1 channel directionality
•
High data rate up to 100 Mbps
•
Wide Ta range operation: - 40ºC to 125ºC
•
High common-mode transient: >50k V/µs
•
From 3 V to 5.5 V supply levels
•
3.3 V and 5 V level translation
•
Low power consumption
•
Pulse width distortions < 3 ns
•
6k V Galvanic isolation
•
SO8 narrow and wide package options
Application
•
Optocoupler replacement in industrial application
•
Industrial field bus isolation
•
Battery monitor and motor drive
•
Size-critical multichannel isolation
Description
The STISO621 are dual-channel digital isolators based on the ST thick oxide
galvanic isolation technology.
The devices provide two independent channels in opposite direction with Schmitt
trigger input, providing robustness to noise and high speed input/output switching
time.
Product status link
STISO621
Product label
Dual channel digital isolator
STISO621
Datasheet
DS13394 - Rev 3 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STISO621TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STISO621TR STMICROELECTRONICS-STISO621TR Datasheet
434Kb / 21P
Dual channel digital isolator
19-Oct-2022
More results

Similar Description - STISO621TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
Low-Power Dual Channel Digital Isolator
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
logo
STMicroelectronics
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
09-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com