Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40150CT Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS40150CT
Description  150 V power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40150CT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPS40150CT Datasheet HTML 3Page - STMicroelectronics STPS40150CT Datasheet HTML 4Page - STMicroelectronics STPS40150CT Datasheet HTML 5Page - STMicroelectronics STPS40150CT Datasheet HTML 6Page - STMicroelectronics STPS40150CT Datasheet HTML 7Page - STMicroelectronics STPS40150CT Datasheet HTML 8Page - STMicroelectronics STPS40150CT Datasheet HTML 9Page - STMicroelectronics STPS40150CT Datasheet HTML 10Page - STMicroelectronics STPS40150CT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Table 4. D²PAK package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.36
4.60
0.172
0.181
A1
0.00
0.25
0.000
0.010
b
0.70
0.93
0.028
0.037
b2
1.14
1.70
0.045
0.067
c
0.38
0.69
0.015
0.027
c2
1.19
1.36
0.047
0.053
D
8.60
9.35
0.339
0.368
D1
6.90
8.00
0.272
0.311
D2
1.10
1.50
0.043
0.060
E
10.00
10.55
0.394
0.415
E1
8.10
8.90
0.319
0.346
E2
6.85
7.25
0.266
0.282
e
2.54 typ.
0.100
e1
4.88
5.28
0.190
0.205
H
15.00
15.85
0.591
0.624
J1
2.49
2.90
0.097
0.112
L
1.90
2.79
0.075
0.110
L1
1.27
1.65
0.049
0.065
L2
1.30
1.78
0.050
0.070
R
0.4 typ.
0.015
V2
STPS40150C
D²PAK package information
DS3262 - Rev 2
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com