Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40150CG-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS40150CG-TR
Description  150 V power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40150CG-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS40150CG-TR Datasheet HTML 5Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 6Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 7Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 8Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 9Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 10Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 11Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 12Page - STMicroelectronics STPS40150CG-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2.2
TO-247 package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 0.8 N·m
•
Maximum torque value: 1.0 N·m
Figure 11. TO-247 package outline
E
L2
S
D
c
A1
Heat-sink plane
L1
L
b1
b2
b
A
e
1
1
2
2
3
3
∅R
∅P
Back view
STPS40150C
TO-247 package information
DS3262 - Rev 2
page 9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com