Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR485E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 1 Page - STMicroelectronics

  STR485E Datasheet HTML 1Page - STMicroelectronics STR485E Datasheet HTML 2Page - STMicroelectronics STR485E Datasheet HTML 3Page - STMicroelectronics STR485E Datasheet HTML 4Page - STMicroelectronics STR485E Datasheet HTML 5Page - STMicroelectronics STR485E Datasheet HTML 6Page - STMicroelectronics STR485E Datasheet HTML 7Page - STMicroelectronics STR485E Datasheet HTML 8Page - STMicroelectronics STR485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DFN10 3 x 3
Features
Half-duplex RS485 transceiver
1.65 V to 3.6 V supply for data and enable signals
3 V to 3.6 V supply for bus supply
High speed: up to 20 Mbps data rate
Low speed selected by SLR pin : 250 kbps
Up to 128 transceivers on the bus @ 125 °C
Fail safe receiver (bus open, idle and shorted)
Thermal shutdown protection
Low quiescent current in shutdown mode
Extended temperature range : -40 °C to +125 °C
Available in industry standard DFN10
Bus-pin protection more than:
±4 kV HBM protection
±8 kV IEC61000-4-2 contact discharge
±16 kV IEC61000-4-2 air discharge
Compliant IEC61000-4-4 fast transient burst Class B
Description
The STR485E is a low power differential line transceiver for data transmission
standard RS485 applications in half-duplex mode. Data and enable signals are
compatible with 1.8 V or 3.3 V supplies.
Two speeds are selectable through SLR pin: fast data rate up to 20 Mbps or slow
data rate for extended cable running to 250 kbps.
Excessive power dissipation caused by bus contention or faults is prevented by
thermal shutdown circuit that forces the driver outputs into a high impedance state.
The receiver has a fail-safe feature, which guarantees a high output state when the
inputs are left open, shorted or idle.
Product status link
STR485E
3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250
kbps
STR485E
Datasheet
DS13051 - Rev 3 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STR485E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR485 STMICROELECTRONICS-STR485 Datasheet
1Mb / 24P
3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
20-Sep-2018
STR485LV STMICROELECTRONICS-STR485LV Datasheet
1Mb / 24P
3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
20-Sep-2018
More results

Similar Description - STR485E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Analog Devices
ADLT2852S-CSL AD-ADLT2852S-CSL Datasheet
424Kb / 12P
3.3 V, 20 Mbps RS485/RS422 Transceiver
Rev. 0
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
02-Dec-2021
logo
Texas Instruments
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
logo
STMicroelectronics
STR485 STMICROELECTRONICS-STR485 Datasheet
1Mb / 24P
3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
20-Sep-2018
logo
Texas Instruments
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com