Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1602C-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1602C-Y
Description  Automotive high efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1602C-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1602C-Y Datasheet HTML 1Page - STMicroelectronics STTH1602C-Y Datasheet HTML 2Page - STMicroelectronics STTH1602C-Y Datasheet HTML 3Page - STMicroelectronics STTH1602C-Y Datasheet HTML 4Page - STMicroelectronics STTH1602C-Y Datasheet HTML 5Page - STMicroelectronics STTH1602C-Y Datasheet HTML 6Page - STMicroelectronics STTH1602C-Y Datasheet HTML 7Page - STMicroelectronics STTH1602C-Y Datasheet HTML 8Page - STMicroelectronics STTH1602C-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STTH1602C-Y
2/11
DocID031016 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (Tj = -40 to +175 °C)
200
V
IF(RMS)
Forward rms current
26
A
IF(AV)
Average forward current δ = 0.5,
square wave
TC = 150 °C
Per diode
8
A
TC = 140 °C
Per device
16
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal
100
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature range
-40 to +175
°C
Table 3: Thermal parameter
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
Per diode
2.7
°C/W
Per device
1.6
Rth(c)
Coupling
0.5
°C/W
When the diodes 1 and 2 are used simultaneously:
ΔTj(diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
Table 4: Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
6
µA
Tj = 125 °C
-
4
60
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 8 A
-
1.10
V
Tj = 150 °C
-
0.78
0.90
Tj = 25 °C
IF = 16 A
-
1.25
Tj = 150 °C
-
1.05
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.75 x IF(AV) + 0.01875 x IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com