| Electronic Components Datasheet Search |
|
TSC200IDT Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC200IDT Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() 2 Absolute maximum ratings and operating conditions Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage -0.3 to 18.3 V VIN +, VIN- Differential voltage (VIN+) – (VIN-) 25% VCC (1) Common mode voltage on input pins -18 to +82 CMPIN, RESET Voltage present on pins VIN+, VIN-, CMPIN, RESET Gnd -0.3 to Vcc +0.3 V OUT Analog output Gnd -0.3 to Vcc +0.3 CMPOUT Voltage present on pin CMPOUT Gnd -0.3 to 18.3 IIN Input current on VIN+, VIN- 5 mA TJ Junction temperature 150 °C TSTG Storage temperature -65 to 150 °C ESD Human Body Model (HBM) 4000 V Charged Device Model (CDM) 1000 RTHJA Thermal resistance junction to ambient SO8 125 °C/W MiniSO8 190 1. For VCC ≥ 12 V, Vdiff must not exceed 3 V. Table 3. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.7 to 18 V VICM Common mode voltage on input pins -16 to +80 V T Operating free-air temperature range -40 to 125 °C TSC200 Absolute maximum ratings and operating conditions DS13882 - Rev 1 page 3/18 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |