Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2-311421 Datasheet(PDF) 2 Page - OTTO Engineering, Inc

Part # B2-311421
Description  SUBMINIATURE BASIC SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

B2-311421 Datasheet(HTML) 2 Page - OTTO Engineering, Inc

  B2-311421 Datasheet HTML 1Page - OTTO Engineering, Inc B2-311421 Datasheet HTML 2Page - OTTO Engineering, Inc B2-311421 Datasheet HTML 3Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10 OTTO Full Line Catalog
Specifications Subject To Change Without Notice
SUBMINIATURE BASIC SWITCHES
BASIC
SWITCHES
B2
SINGLE BREAK, SNAP-ACTION, COMMERCIAL & MILITARY GRADES, SUBMINIATURE, TWO WIDTHS
MILITARY APPROVALS
(MIL-PRF-8805/4, MIL-PRF-8805/106 & MIL-PRF-8805/109)
Certain OTTO B2 models have been qualified to the
military specification for these parts. The following
is the latest listing.
MILITARY NO.
OTTO P/N
M8805/106-01
B2-200031
M8805/106-02
B2-200032
M8805/109-01
B2-111351
M8805/109-02
B2-112351
M8805/109-03
B2-111353
M8805/109-04
B2-112353
MS24547-1 (M8805/4)
B2-211351
MS24547-2 (M8805/4)
B2-211353
MS24547-4 (M8805/4)
B2-212351
MS24547-5 (M8805/4)
B2-212353
MS24547-6 (M8805/4)
B2-200029
MS24547-7 (M8805/4)
B2-200030
ORDERING INFORMATION:
Select the OTTO B2 basic switch to match your specific circuit
and mechanical requirements. To order, specify your requirement
using the OTTO Part Number Code shown to the right.
Example: B2-112351 specifies Military grade construction on a
0.156” wide base, double turret terminals, 5 oz operating force,
0.005”movement differential and silver/gold high current contacts.
Model
(Width/Constr.)
Actuator
Style
Terminal
Style
Operating
Force
Movement
Differential
Contact
Material
1. 0.156” (MIL Grade)
2. 0.200” (MIL Grade)
3. 0.156” (Com’l Grade)
4. 0.200” (Com’l Grade)
1. Button
1. Single Turret
2. Double Turret
3. Q.C. Tab ➀
4. PC Pin 0.150” lg.
5. PC Pin 0.270” lg.
6. PC Pin 0.090” lg.
7. Right Angle PC
9. Right Angle,
Opposite of 7
3. 5 oz max
4. 6 oz max
2. 0.002”
3. 0.003”
4. 0.004”
5. 0.005”
6. 0.006”
1. Silver/Gold –
High Current
3. Silver/Gold –
Low Current
➀
Mates with AMP 0.058” receptacles.
B2 PART NUMBER CODE
Bold Code numbers signify standard features with best availability.
B2
–
X
X
X
X
X
X
A. With 24 AWG Wires 06.0" lg.
B. With 24 AWG Wires 12.0" lg.
C. With 24 AWG Wires 18.0" lg.
D. With 24 AWG Wires 24.0" lg.
E. With 24 AWG Wires 30.0" lg.
.180
.090
.040
.060
.255
.165
.040
.060
.245
.155
.058
.035
.150
.240
.270
.360
.035
"X"
.125±.030
"Y"
.090
.180
.035
"A" +.020
-.010
.090+.020
+.010
"A" +.020
-.010
.090+.020
-.010
.035
.035
.180+.020
-.010
.180+.020
-.010
(.250)
WIRE LENGTH
CODE
DIM. "X"DIM. "Y"
A
06.00 .38
06.09 .38
B
12.00 .50
12.09 .50
C
18.00 .50
18.09 .50
D
24.00 .50
24.09 .50
E
30.00 .75
30.09 .75
SWITCH WIDTHDIM. "A"
.156
.110
.200
.085
SWITCH WIDTHDIM. "A"
.156
.110
.200
.085
TERMINAL STYLE 1
SINGLE SOLDER TURRET
TERMINAL STYLE 2
DOUBLE SOLDER TURRET
TERMINAL STYLE 3
QUICK CONNECT
MATES WITH AMP .058” RECEPTACLES
TERMINAL STYLE 4
PRINTED CIRCUIT PIN 0.150" LONG
TERMINAL STYLE 5
PRINTED CIRCUIT PIN 0.270" LONG
TERMINAL STYLE 6
PRINTED CIRCUIT PIN 0.090" LONG
TERMINAL STYLE 7
RIGHT ANGLE PRINTED CIRCUIT PIN
TERMINAL STYLE 9
RIGHT ANGLE, OPPOSITE OF 7
NC 24 AWG BLUE
NO 24 AWG RED
C 24 AWG YELLOW
(OVAL HOLE)
(OVAL HOLE)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com