Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUZ-3 Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # LUZ-3
Description  LU SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LUZ-3 Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  LUZ-3 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LUZ-3 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7.62
10.5
15.5
10.16
2.54
10.16
2.54
Ø
1.0-5H
10.16
2.54
Ø
1.0-6H
LU
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
100 MW Min. (DC 500V)
500 VAC, 50/60Hz between contact.
1000 VAC, 50/60Hz between all elements.
Ag Alloy.
100 milliohms max. ( initial value )
Malfunction: 10G(11ms) ; Destructive: 100G(6ms)
Malfunction: 10 to 55 Hz. at Double Amplitude of 1.5 mm
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
5 ms max.
5 ms max.
o
o
- 30 C ~ +70 C
With operation rate 30/min.
Mechanical - 10,000,000 operations min.
Electrical - 100,000 operations min. at rated load.
4 grams
DIMENSIONS(±0.2mm)
LUZ
GENERAL DATA
WIRING DIAGRAM
(BOTTOM VIEW)
P.C.B LAYOUT
(BOTTOM VIEW)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com