Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3362P Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3362P
Description  7횞7.2 Square/Single Turn/Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3362P Datasheet(HTML) 1 Page - DB Lectro Inc

  3362P Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
100
200
500
101
201
501
102
202
502
103
203
253
Electrical Characteristics
Standard Resistance Range.................50Ω~2MΩ
Resistance Tolerance....................................±10%
Absolute Minimum Resistance..........≤1%R或10Ω
Contact Resistance Variation........CRV≤3%或5Ω
Insulation Resistance................R1≥1GΩ
(500Vac)
Withstand Voltage......................................700Vac
Effective Travel.............................................250
℃
Environmental Characteristics
Power Rating, 300 volts max
.........................................0.5W@70
℃,0W@125℃
Temperature Range..........................-55
℃~
125
℃
Temperature Coefficient......................±250ppm/
℃
Temperature Variation............-55
℃,30min,+125℃
........................................................30min
5cyccles
................................
△R≤5%R,△(Uab/Uac)≤5%
Vibration..............................10~
500Hz,0.75mm,6h
......................
△R≤5%R, △(Uab/Uac)≤±7.5%R
Collision................390m/s2,4000cycles △R≤5%R
Electrical Endurance at 70
℃...............0.5W@70℃
............................1000h,
△R≤10%R,R1≥100MΩ
Rotational Life.........................................200cycles
.................................
△R≤10%R,CRV≤3% or 5Ω
Physical Characteristics
Starting Torque.......................................≤
...
Install dimension............................
...
Mutual dimension............................
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
503
104
204
254
504
105
205
Special resistances available
 
How To Order
3362-----P-------103
7×7.2 Square/Single Turn/Trimming Potentiometer
-- 3362P--
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 3362P

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
3362P VATRONICS-3362P Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3362P BOURNS-3362P Datasheet
208Kb / 3P
1/4 " Square Trimpot® Trimming Potentiometer
REV. 06/20
3362P-1-100 BOURNS-3362P-1-100 Datasheet
164Kb / 2P
3362 - 1/4 ??Square Trimming Potentiometer
3362P-1-100 BOURNS-3362P-1-100 Datasheet
208Kb / 3P
1/4 " Square Trimpot® Trimming Potentiometer
REV. 06/20
3362P-1-100A BOURNS-3362P-1-100A Datasheet
208Kb / 3P
1/4 " Square Trimpot® Trimming Potentiometer
REV. 06/20
More results

Similar Description - 3362P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3362H DBLECTRO-3362H Datasheet
203Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362M DBLECTRO-3362M Datasheet
201Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362R DBLECTRO-3362R Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362S DBLECTRO-3362S Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362W DBLECTRO-3362W Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362X DBLECTRO-3362X Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3386H DBLECTRO-3386H Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386Y DBLECTRO-3386Y Datasheet
194Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com