Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2432 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM2432
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432 Datasheet(HTML) 3 Page - Texas Instruments

  AM2432 Datasheet HTML 1Page - Texas Instruments AM2432 Datasheet HTML 2Page - Texas Instruments AM2432 Datasheet HTML 3Page - Texas Instruments AM2432 Datasheet HTML 4Page - Texas Instruments AM2432 Datasheet HTML 5Page - Texas Instruments AM2432 Datasheet HTML 6Page - Texas Instruments AM2432 Datasheet HTML 7Page - Texas Instruments AM2432 Datasheet HTML 8Page - Texas Instruments AM2432 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 282 page
background image
Functional Safety:
• Functional Safety-compliant Targeted
– Developed for functional safety applications
– Documentation available to aid IEC 61508
functional safety system design
– Systematic capability up to SIL 3
– Hardware integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 certification planned
– ECC or parity on calculation-critical memories
– ECC and parity on select internal bus
interconnects
– Built-In Self-Test (BIST) for CPU and on-chip
RAM
– Error Signaling Module (ESM) with external
error pin
– Run-time safety diagnostics, including:
• Voltage, Temperature, and Clock Monitoring
• Windowed Watchdog Timers
• CRC Engine for memory integrity checks
– MCU domain with dedicated memory,
interfaces, and M4F core capable of being
isolated from the larger SoC with Freedom
From Interference (FFI) features:
• Separate interconnect
• Firewalls and timeout gaskets
• Controlled reset isolation
• Dedicated MCU PLL and MMR control
• Separate I/O Voltage Supply Rail
SoC architecture:
• Supports primary boot from UART, I2C, OSPI/
QSPI Flash, SPI Flash, parallel NOR Flash,
parallel NAND Flash, SD, eMMC, USB 2.0, PCIe,
and Ethernet interfaces
• 16-nm FinFET technology
Package options:
• ALV: 17.2 mm × 17.2 mm, 0.8 mm pitch (441-pin)
FCBGA [Lidded] Flip-Chip Ball Grid Array ALV
package
• ALX: 11.0 mm × 11.0 mm, 0.5 mm pitch (293-pin)
FC/CSP [SiP] Flip-Chip/Chip Scale Package ALX
package (Preview)
 
2 Applications
• Programmable Logic Controller (PLC)
• Motor Drives
• Remote I/O
• Industrial Robots
• Condition-Monitoring Gateway
• Communication Module
• Field Transmitter
• Test & Measurement
• General Purpose Controller
www.ti.com
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com