| Electronic Components Datasheet Search |
|
AM6548ACD Datasheet(PDF) 88 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6548ACD Datasheet(HTML) 88 Page - Texas Instruments |
|
88 / 284 page ![]() 6.3.21 PRU_ICSSG 6.3.21.1 MAIN Domain Note The PRU_ICSSG contains a second layer of multiplexing to enable additional functionality on the PRU GPO and GPI signals. This internal wrapper multiplexing is described in the PRU_ICSSG chapter in the device TRM. Table 6-53. PRU_ICSSG0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG0_ECAP0_IN_APWM_OUT PRU_ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO V25 PRG0_ECAP0_SYNC_IN PRU_ICSSG ECAP Sync Input I U27 PRG0_ECAP0_SYNC_OUT PRU_ICSSG ECAP Sync Output O U26 PRG0_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O AD12 PRG0_IEP0_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I V25 PRG0_IEP0_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I U27 PRG0_IEP0_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O U24 PRG0_IEP0_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O U26 PRG0_IEP0_EDIO_DATA_IN_OUT28 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO V26 PRG0_IEP0_EDIO_DATA_IN_OUT29 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO U25 PRG0_IEP0_EDIO_DATA_IN_OUT30 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO Y28 PRG0_IEP0_EDIO_DATA_IN_OUT31 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output IO AA28 PRG0_IEP1_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I Y26 PRG0_IEP1_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I W28 PRG0_IEP1_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O W26 PRG0_IEP1_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O Y27 PRG0_MDIO0_MDC PRU_ICSSG MDIO Clock O AE28 PRG0_MDIO0_MDIO PRU_ICSSG MDIO Data IO AE26 PRG0_PRU0_GPI0 PRU_ICSSG PRU Data Input I V24 PRG0_PRU0_GPI1 PRU_ICSSG PRU Data Input I W25 PRG0_PRU0_GPI2 PRU_ICSSG PRU Data Input I W24 PRG0_PRU0_GPI3 PRU_ICSSG PRU Data Input I AA27 PRG0_PRU0_GPI4 PRU_ICSSG PRU Data Input I Y24 PRG0_PRU0_GPI5 PRU_ICSSG PRU Data Input I V28 PRG0_PRU0_GPI6 PRU_ICSSG PRU Data Input I Y25 PRG0_PRU0_GPI7 PRU_ICSSG PRU Data Input I U27 PRG0_PRU0_GPI8 PRU_ICSSG PRU Data Input I V27 PRG0_PRU0_GPI9 PRU_ICSSG PRU Data Input I V26 AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 88 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6546 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |