Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6548ACD Datasheet(PDF) 107 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 103Page - Texas Instruments AM6548ACD Datasheet HTML 104Page - Texas Instruments AM6548ACD Datasheet HTML 105Page - Texas Instruments AM6548ACD Datasheet HTML 106Page - Texas Instruments AM6548ACD Datasheet HTML 107Page - Texas Instruments AM6548ACD Datasheet HTML 108Page - Texas Instruments AM6548ACD Datasheet HTML 109Page - Texas Instruments AM6548ACD Datasheet HTML 110Page - Texas Instruments AM6548ACD Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 284 page
background image
Table 6-75. Power Supply Signal Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VDDS0
IO bias supply for VDDSHV0
PWR
G12
VDDS0_WKUP
IO bias supply for VDDSHV0_WKUP
PWR
V8
VDDS1
IO bias supply for VDDSHV1
PWR
AA16
VDDS1_WKUP
IO bias supply for VDDSHV1_WKUP
PWR
T9
VDDS2
IO bias supply for VDDSHV2
PWR
P20
VDDS2_WKUP
IO bias supply for VDDSHV2_WKUP
PWR
N8
VDDS3
IO bias supply for VDDSHV3
PWR
T20
VDDS4
IO bias supply for VDDSHV4
PWR
Y20
VDDS5
IO bias supply for VDDSHV5
PWR
AC18
VDDS6
IO bias supply for VDDSHV6
PWR
F20
VDDS7
IO bias supply for VDDSHV7
PWR
K20
VDDS8
IO bias supply for VDDSHV8
PWR
AA10
VDDSHV0
Dual-voltage IO domain power supply
PWR
G15, H16
VDDSHV0_WKUP
Dual-voltage IO domain power supply
PWR
U8, V7, W8, Y7
VDDSHV1
Dual-voltage IO domain power supply
PWR
AA18, AB17
VDDSHV1_WKUP
Dual-voltage IO domain power supply
PWR
R6, R8, T7
VDDSHV2
Dual-voltage IO domain power supply
PWR
N20, N22, P21, R20,
R22
VDDSHV2_WKUP
Dual-voltage IO domain power supply
PWR
N6, P7, P9
VDDSHV3
Dual-voltage IO domain power supply
PWR
T21, U20, U22, V21,
V23
VDDSHV4
Dual-voltage IO domain power supply
PWR
AA22, W20, W22,
Y21, Y23
VDDSHV5
Dual-voltage IO domain power supply
PWR
AA20, AB19, AB21,
AB23
VDDSHV6
Dual-voltage IO domain power supply
PWR
G20, H19, H21
VDDSHV7
Dual-voltage IO domain power supply
PWR
J20, J22, K21
VDDSHV8
Dual-voltage IO domain power supply
PWR
AB11
VDDS_DDR
DDR IO domain power supply
PWR
G10, G14, G8, H13,
H7, H9
VDDS_OSC1
MAIN High Frequency Oscillator (OSC1) analog power
supply
PWR
J16
VDD_CORE
CORE voltage domain supply
PWR
AA12, J10, J12, J14,
J19, J8, K13, L14,
L19, M13, N14, P13,
P15, P19, R14, R16,
R18, T13, T15, T17,
T19, U14, U16, U18,
V13, V15, V19, W14,
W18, Y11, Y13, Y15
VDD_DLL_MMC0
MMC0 PHY DLL voltage supply
PWR
G22
VDD_DLL_MMC1
MMC1 PHY DLL voltage supply
PWR
H23
VDD_MCU
MCU voltage domain supply
PWR
N10, P11, R10, R12,
T11
VDD_MPU0
MPU0 voltage domain supply
PWR
K11, K9, L10, L8, M11
VDD_MPU1
MPU1 voltage domain supply
PWR
K16, K18, L17, M16,
M18, N17
VDD_WKUP0(4)
WKUP voltage domain supply
PWR
V11, W10, W12
VDD_WKUP1(4)
WKUP voltage domain supply
PWR
M22
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com