Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6548ACD Datasheet(PDF) 252 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 252 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 248Page - Texas Instruments AM6548ACD Datasheet HTML 249Page - Texas Instruments AM6548ACD Datasheet HTML 250Page - Texas Instruments AM6548ACD Datasheet HTML 251Page - Texas Instruments AM6548ACD Datasheet HTML 252Page - Texas Instruments AM6548ACD Datasheet HTML 253Page - Texas Instruments AM6548ACD Datasheet HTML 254Page - Texas Instruments AM6548ACD Datasheet HTML 255Page - Texas Instruments AM6548ACD Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 284 page
background image
8.4 Other Subsystems
8.4.1 DMSC
Integrated in WKUP domain Device Management and Security Controller (WKUP_DMSC) provides control over
the device boot sequencing, device management, power management, and security. With the factory-sealed
firmware, DMSC main functions include:
• Device management
• On-chip power management and wake-up control
• Device boot configuration and sequence
• Secure boot setup
• Authentication routines (all modes), including R5F island only boot modes
• Decryption routines
• Firewall control for isolation and Security
• Runtime Security Management and resource allocation
• Arm Cortex-M3 based DMSC acts as system security master and protects critical security assets during
run-time. As part of booting on High Security (HS) device, DMSC uses on-chip keys to establish root-of-trust
and authenticate images to reinforce trust. DMSC controls the power management of device, hence is
responsible to bring device cleanly out of reset and enforce clock and reset rules. DMSC power management
functions are critical to bring device to low power modes and sense wakeup events to bring device back to
active state. DMSC acts also as main boot processor and as such is the very first subsystem that is brought
out of reset after device power-on-reset.
For more information, see WKUP Device Management and Security Controller (DMSC) section in the device
TRM.
8.4.2 MSMC
The
Multicore
Shared
Memory
Controller
(MSMC)
forms
the
heart
of
the
compute
cluster
(COMPUTE_CLUSTER0) providing high-bandwidth resource access both to and from all of the connected
processing elements and the rest of the system. MSMC serves as the data-movement backbone of the compute
cluster.
For more information, see Multicore Shared Memory Controller (MSMC) section in the device TRM.
8.4.3 NAVSS
8.4.3.1 NAVSS0
Main SoC Navigator Subsystem (NAVSS0) consists of DMA/Queue Management components – UDMA and
Ring Accelerator (UDMASS), Peripherals (Module subsystem [MODSS]), and a North Bridge (NBSS).
UDMASS – UDMASS is the essential part of the DMA Architecture. UDMASS consists of:
• Unified DMA Controller
• Ring Accelerator
• Packet Streaming Interface (PSI-L)
MODSS – MODSS is a collection of peripherals with different system-level functions, for example, interprocessor
communication and time sync, among others. NAVSS0 contains the following modules:
• Mailbox
• Spinlock
• Two Timer Managers (Timer banks)
• Time Stamp Module (CPTS)
• Memory CRC module
• Infrastructure components such as:
– CBASS
– Proxies
– Interrupt aggregators
– Interrupt router
NBSS – This is a north bridge infrastructure
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
252
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com