| Electronic Components Datasheet Search |
|
AM243X Datasheet(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM243X Datasheet(HTML) 87 Page - Texas Instruments |
|
87 / 282 page ![]() Table 6-42. GPIO1 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO1_56 IO General Purpose Input/Output E15 B12 GPIO1_57 IO General Purpose Input/Output E14 A12 GPIO1_58 IO General Purpose Input/Output D16 C11 GPIO1_59 IO General Purpose Input/Output E16 A11 GPIO1_60 IO General Purpose Input/Output A17 B13 GPIO1_61 IO General Purpose Input/Output B17 A14 GPIO1_62 IO General Purpose Input/Output C17 B14 GPIO1_63 IO General Purpose Input/Output D17 A15 GPIO1_64 (3) IO General Purpose Input/Output A18 B16 GPIO1_65 (3) IO General Purpose Input/Output B18 B15 GPIO1_66 IO General Purpose Input/Output C18 A17 GPIO1_67 IO General Purpose Input/Output B19 B18 GPIO1_68 (1) IO General Purpose Input/Output D18 GPIO1_69 IO General Purpose Input/Output A19 A18 GPIO1_70 (1) (4) IO General Purpose Input/Output C19 GPIO1_71 (1) IO General Purpose Input/Output K18 K18 GPIO1_72 (1) IO General Purpose Input/Output K19 K20 GPIO1_73 (1) IO General Purpose Input/Output L21 J19 GPIO1_74 (1) IO General Purpose Input/Output K21 J18 GPIO1_75 (1) IO General Purpose Input/Output L20 J20 GPIO1_76 (1) IO General Purpose Input/Output J19 J21 GPIO1_77 (1) IO General Purpose Input/Output D19 B17 GPIO1_78 (1) IO General Purpose Input/Output C20 C16 GPIO1_79 IO General Purpose Input/Output E19 B19 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. (2) This GPIO1 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. (3) I2C0_SCK is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. (4) GPIO1_70 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. MCU Domain Instances Table 6-43. MCU_GPIO0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_GPIO0_0 (2) IO General Purpose Input/Output E8 C2 MCU_GPIO0_1 (2) IO General Purpose Input/Output D8 D4 MCU_GPIO0_2 IO General Purpose Input/Output A8 B2 MCU_GPIO0_3 IO General Purpose Input/Output A9 D6 MCU_GPIO0_4 IO General Purpose Input/Output B6 MCU_GPIO0_5 (1) (2) IO General Purpose Input/Output A7 MCU_GPIO0_6 (1) (2) IO General Purpose Input/Output B7 MCU_GPIO0_7 IO General Purpose Input/Output D7 MCU_GPIO0_8 IO General Purpose Input/Output C7 MCU_GPIO0_9 IO General Purpose Input/Output C8 MCU_GPIO0_10 IO General Purpose Input/Output E7 MCU_GPIO0_11 IO General Purpose Input/Output E6 MCU_GPIO0_12 (1) (2) IO General Purpose Input/Output C6 MCU_GPIO0_13 (1) (2) IO General Purpose Input/Output D6 MCU_GPIO0_14 IO General Purpose Input/Output C9 www.ti.com AM2434, AM2432, AM2431 SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 87 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |