| Electronic Components Datasheet Search |
|
AM6526BACDXEAF Datasheet(PDF) 100 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526BACDXEAF Datasheet(HTML) 100 Page - Texas Instruments |
|
100 / 284 page ![]() Table 6-57. SERDES1 Signal Descriptions (continued) see (1) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SERDES1_TXP SERDES Differential Transmit Data (positive) O AG8 (1) The functionality of these pins is controlled by CTRLMMR_SERDES1_CTRL[1:0] LANE_FUNC_SEL. 0x0 = PCIe1 Lane0, 0x1 = PCIe0 Lane1, 0x2 = ICSS2 SGMII Lane1. 6.3.23 UART 6.3.23.1 MAIN Domain Table 6-58. UART0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] UART0_CTSn UART Clear to Send (active low) I AG11 UART0_DCDn UART Data Carrier Detect (active low) I D25 UART0_DSRn UART Data Set Ready (active low) I B26 UART0_DTRn UART Data Terminal Ready (active low) O A24 UART0_RIN UART Ring Indicator I E24 UART0_RTSn UART Request to Send (active low) O AD11 UART0_RXD UART Receive Data I AF11 UART0_TXD UART Transmit Data O AE11 Table 6-59. UART1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] UART1_CTSn UART Clear to Send (active low) I AD22 UART1_RTSn UART Request to Send (active low) O AC21 UART1_RXD UART Receive Data I AE23 UART1_TXD UART Transmit Data O AD23 Table 6-60. UART2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] UART2_CTSn UART Clear to Send (active low) I Y26 UART2_RTSn UART Request to Send (active low) O W26 UART2_RXD UART Receive Data I Y27 UART2_TXD UART Transmit Data O W28 6.3.23.2 MCU Domain Table 6-61. UART0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_UART0_CTSn UART Clear to Send (active low) I P1 MCU_UART0_RTSn UART Request to Send (active low) O N3 MCU_UART0_RXD UART Receive Data I P4 MCU_UART0_TXD UART Transmit Data O P5 AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 100 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6546 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |