Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM124
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM124 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM124 Datasheet HTML 4Page - Texas Instruments LM124 Datasheet HTML 5Page - Texas Instruments LM124 Datasheet HTML 6Page - Texas Instruments LM124 Datasheet HTML 7Page - Texas Instruments LM124 Datasheet HTML 8Page - Texas Instruments LM124 Datasheet HTML 9Page - Texas Instruments LM124 Datasheet HTML 10Page - Texas Instruments LM124 Datasheet HTML 11Page - Texas Instruments LM124 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
6.5 Electrical Characteristics - LM324B and LM324BA (continued)
For VS = (V+) – (V–) = 5 V to 36 V (±2.5 V to ±18 V), at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10k connected to VS / 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
300
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = 5 V; IO = 0 A
TA = –40°C to 85°C
240
300
μA
VS = 36 V; IO = 0 A
TA = –40°C to 85°C
350
750
μA
(1)
Specified by design and characterization only.
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com