Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CFM
Description  Carbon Film Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CFM Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CFM Datasheet HTML 1Page - Stackpole Electronics, Inc. CFM Datasheet HTML 2Page - Stackpole Electronics, Inc. CFM Datasheet HTML 3Page - Stackpole Electronics, Inc. CFM Datasheet HTML 4Page - Stackpole Electronics, Inc. CFM Datasheet HTML 5Page - Stackpole Electronics, Inc. CFM Datasheet HTML 6Page - Stackpole Electronics, Inc. CFM Datasheet HTML 7Page - Stackpole Electronics, Inc. CFM Datasheet HTML 8Page - Stackpole Electronics, Inc. CFM Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev Date: 3/3/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CF / CFM Series
Carbon Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
General purpose resistor ideal for commercial/industrial applications
•
Flame retardant coatings standard
•
Flameproof version available as CFF and CFFM
•
Panasert available on selected sizes - contact Stackpole
•
Auto sequencing/insertion compatible
•
CFM (mini) ideal choice when size constraints apply
•
Cut and formed product is available on select sizes - contact Stackpole
•
Standard lead wire for CF and CFM is copper plated steel,
with 100% tin over plate
•
100% tin plate on copper wire is available as type CFQ and CFQM
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications - CF
Electrical Specifications - CFM
Electrical Specifications
– CFF/CFFM
2%
5%
CFM, CFQM
14
0.25
250
500
350
1 - 1M
1 - 10M
CFM, CFQM, PCFM
12
0.5
350
600
350
1 - 1M
1 - 10M
CFM, CFQM
1
1
600
1000
600
1 - 1M
1 - 10M
(1) Lesser of
or maximum working voltage.
TCR (ppm/ºC) per Ohmic Range
Ohmic Range (Ω) and
Tolerance
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage (V)
(1)
Maximum
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
Size
< 10 Ω = ±400 ppm/ºC
10 Ω to 9.99K Ω = 0 ~ -400 ppm/ºC
10 K Ω to 99K Ω = 0 ~ -500 ppm/ºC
100 K Ω to 999K Ω = 0 ~ -850 ppm/ºC
1M Ω and above = 0 ~ -1500 ppm/ºC
√ P*R
2%
5%
CF, CFQ
18
0.125
250
500
350
10 - 1M
1 - 22M
CF, CFQ, PCF
14
0.25
350
600
350
1 - 1M
1 - 22M
CF, CFQ
12
0.5
350
700
600
10 - 1M
1 - 22M
CF, CFQ
1
1
500
1000
600
1 - 1M
1 - 10M
CF, CFQ
2
2
500
1000
600
1 - 1M
1 - 10M
(1) Lesser of
or maximum working voltage.
Ohmic Range (Ω) and
Tolerance
TCR (ppm/ºC) per Ohmic Range
Maximum
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage (V)
(1)
Size
< 10 Ω = ±400 ppm/ºC
10 Ω to 9.99K Ω = 0 ~ -400 ppm/ºC
10 K Ω to 99K Ω = 0 ~ -500 ppm/ºC
100 K Ω to 999K Ω = 0 ~ -850 ppm/ºC
1M Ω and above = 0 ~ -1500 ppm/ºC
√ P*R
2%, 5%
18
0.166
200
400
300
1 - 2.2M
14
0.25
300
600
500
12
0.5
350
700
500
14
0.25
250
500
300
12
0.5
300
600
500
(1) Lesser of
or maximum working voltage.
CFFM
1 - 2.2M
Ohmic Range (Ω) and
Tolerance
1 - 5.1M
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage (V)
(1)
Maximum
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
TCR (ppm/ºC) per Ohmic Range
Size
CFF
< 10 Ω = ±400 ppm/ºC
10 Ω to 9.99K Ω = 0 ~ -400 ppm/ºC
10 K Ω to 99K Ω = 0 ~ -500 ppm/ºC
100 K Ω to 999K Ω = 0 ~ -850 ppm/ºC
1M Ω and above = 0 ~ -1500 ppm/ºC
√ P*R


Similar Part No. - CFM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
Bertech.
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
logo
CUI INC
CFM-120 CUI-CFM-120 Datasheet
799Kb / 6P
DC AXIAL FAN
CFM-120B CUI-CFM-120B Datasheet
1Mb / 9P
DC AXIAL FAN
05/12/2021
logo
CUI Devices
CFM-120B CUID-CFM-120B Datasheet
1Mb / 9P
DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
Carbon Film Resistor Normal & Miniature Style
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
fixed carbon film melf resistor
SPR1CT26 KOA-SPR1CT26 Datasheet
103Kb / 2P
power carbon film leaded resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
power carbon film leaded resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR2C154J KOA-SPR2C154J Datasheet
299Kb / 3P
power carbon film leaded resistor
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
Carbon Film Resistor
logo
KOA Speer Electronics, ...
RD41 KOA-RD41 Datasheet
358Kb / 2P
fixed carbon film melf resistor
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com