Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSNL Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSNL
Description  Metal Plate Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSNL Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSNL Datasheet HTML 1Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 2Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 3Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 4Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 5Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 10/22/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL Series
Metal Plate Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Metal element current sensing resistor
•
High power current sense resistor
•
TCR of ±50 ppm/
C
•
Resistances down to 0.0005 (1/2mΩ)
•
Current handling up to 63 amps
•
Non-standard resistance values available
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
•
For CSNL2512 with power rating of 3W, see SEI-CSNL2512-3W
Electrical Specifications
Mechanical Specifications
0.025 ± 0.010
0.020 ± 0.010
0.020 ± 0.010
0.126 ± 0.010
0.063 ± 0.010
inches
0.65 ± 0.25
0.51 ± 0.25
0.51 ± 0.25
3.20 ± 0.25
1.60 ± 0.25
mm
0.031 ± 0.010
0.051 ± 0.010
0.051 ± 0.010
0.200 ± 0.010
0.100 ± 0.010
inches
0.79 ± 0.25
1.30 ± 0.25
1.30 ± 0.25
5.08 ± 0.25
2.54 ± 0.25
mm
0.025 ± 0.010
0.031 ± 0.010
0.031 ± 0.010
0.200 ± 0.010
0.100 ± 0.010
inches
0.65 ± 0.25
0.79 ± 0.25
0.79 ± 0.25
5.08 ± 0.25
2.54 ± 0.25
mm
0.049 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
1.25 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.030 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.75 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.026 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.65 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.018 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.45 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.014 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.35 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.026 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.65 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.022 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.55 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.018 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.45 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.014 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.35 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.013 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.32 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.012 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.30 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
CSNL2512
≤ 0.003
Type/Code
Unit
CSNL1206
L
Body Length
W
Body Width
H
Body Height
a
Top Termination
b
Bottom
Resistance Range
(Ω)
0.001 - 0.05
0.006
0.0065
CSNL2010
0.002
0.0025
0.003
0.004
0.005
≥ 0.0031
0.0005
0.00075
0.001
0.0015
Ohmic Range (Ω) and Tolerance
1%, 5%
CSNL1206
1 @ 80ºC
0.001 - 0.05
CSNL2010
1.5 @ 80ºC
0.0005 - 0.1
CSNL2512
2 @ 70ºC
0.0005 - 0.01
200
± 50
Type/Code
Dielectric Withstanding
Voltage (V)
TCR (ppm/ºC)
Power Rating
(W)


Similar Part No. - CSNL

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
327Kb / 5P
Metal Plate Current Sensing Chip Resistor
4/18/2022
logo
Honeywell Solid State E...
CSNL111 HONEYWELL-CSNL111 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
Honeywell Solid State E...
CSNL121 HONEYWELL-CSNL121 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
CSNL131 HONEYWELL-CSNL131 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
More results

Similar Description - CSNL

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
metal plate current sense resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
List of Unclassifed Man...
CSM0603 ETC2-CSM0603 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
metal plate current sense resistor
logo
CTS Corporation
008-0336-0 CTS-008-0336-0 Datasheet
166Kb / 3P
Current Sensing Resistors ??Metal Plate
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
CSNL2512-3W SEI-CSNL2512-3W Datasheet
327Kb / 5P
Metal Plate Current Sensing Chip Resistor
4/18/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com