Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # HPC
Description  High Power Surface Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HPC Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  HPC Datasheet HTML 1Page - Stackpole Electronics, Inc. HPC Datasheet HTML 2Page - Stackpole Electronics, Inc. HPC Datasheet HTML 3Page - Stackpole Electronics, Inc. HPC Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev Date: 05/12/2016 (DISCONTINUED)
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HPC Series (DISCONTINUED)
High Power Surface Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
14
12
10
8
6
4
2
0
40
70
100
130
Ambient Temperature (Deg. C)
60
50
40
30
20
10
0
75
90
1
15
30
45
60
Peak Power Duration (seconds)
Test
Test Conditions (JIS C 5202)
Test Results
Short Time Overload
2.5x rated voltage for 5 seconds
±(2% + 0.1Ω)
Dielectric Withstanding Voltage
100VAC, 1 minute
±(1% + 0.05Ω)
Resistance to Soldering Heat
260ºC ±5ºC for 10 sec; ±0.5 sec (Solder Bath)
±(1% + 0.05Ω)
Solderability
235ºC ±5ºC for 2 sec.; ±0.5 sec (Colophonium flux)
95% coverage, minimum
-65ºC: 30 min.; 25ºC: 2 to 3 min.
150ºC: 30 min.; 25ºC: 2 to 3 min.
(5 cycles)
40ºC ± 2ºC, 90% to RH, rated load
±(3% + 0.1Ω)
90 min. ON, 30 min. OFF for 1,000 hrs. -0 hrs. / +48 hrs.
Jumper (<0.05Ω)
70ºC ± 2ºC, 90% to RH, rated load
±(3% + 0.1Ω)
90 min. ON, 30 min OFF for 1,000 hrs. -0 hrs. / +48 hrs.
Jumper (<0.05Ω)
Voltage Coefficient
1/10 rated voltage for 3 sec. max. then rated voltage for 3 sec. max.
± 100 (ppm/V)
Robustness of Termination
Bend of 3mm for 5 ± 1 sec.
±(1% + 0.05Ω)
Temperature Cycle
Endurance (Damp load)
Endurance (Rated load)
± (1% + 0.05Ω)
Jumper (<0.05Ω)
HPC12 Power Derating Curve
HPC12 Power vs. Duration
400 LF/M Airflow
200 LF/M Airflow
No Airflow
10% Duty Cycle 200 LF/M
10% Duty Cycle, No Airflow
30% Duty Cycle, 200 LF/M
33% Duty Cycle, No Airflow
Performance Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com