Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # HVC
Description  High Voltage Thick Film Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HVC Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  HVC Datasheet HTML 1Page - Stackpole Electronics, Inc. HVC Datasheet HTML 2Page - Stackpole Electronics, Inc. HVC Datasheet HTML 3Page - Stackpole Electronics, Inc. HVC Datasheet HTML 4Page - Stackpole Electronics, Inc. HVC Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev Date: 11/18/2020
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVC Series
High Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Ohmic values to 50G
•
Available with wire bondable terminations
•
Tight tolerances to 0.1%
•
Utilizes fine film resistor deposition technology
•
Superior pulse handling capabilities
•
Low TCR to 25 ppm/ºC
•
Low VCR to 1 ppm/volt
•
Very low noise
•
Ultra-high stability
•
Custom sizes available
•
Higher (up to 1T
Ω) or lower resistance values may be available (contact Stackpole)
•
Standard HVC parts are unmarked
•
RoHS compliant and halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
H
Body Height (Max.)
0.063 ± 0.01
0.031 ± 0.005
0.020
0.010 ± 0.005
0.012 ± 0.008
inches
1.60 ± 0.25
0.79 ± 0.13
0.51
0.25 ± 0.13
0.30 ± 0.20
mm
0.079 ± 0.01
0.050 ± 0.005
0.025
0.010 ± 0.005
0.013 ± 0.008
inches
2.01 ± 0.25
1.27 ± 0.13
0.64
0.25 ± 0.13
0.33 ± 0.20
mm
0.126 ± 0.01
0.063 ± 0.005
0.030
0.010 ± 0.005
0.020 ± 0.010
inches
3.20 ± 0.25
1.60 ± 0.13
0.76
0.25 ± 0.13
0.51 ± 0.25
mm
HVC1206
HVC0603
HVC0805
Top Termination
b
Bottom Termination
W
Body Width
Unit
Type / Code
a
L
Body Length
0.1%
0.25%
0.5%
1%
2%
5%
10%
20%
±50
10K - 100M
±100
±200
10K - 10G
10K - 50G
±50
±100
±200
10K - 50G
±25
1M - 100M
±50
100K - 100M
100K - 100M
±100
±200
10K - 50G
±25
1M - 100M
±50
100K - 100M
100K - 100M
±100
±200
10K - 50G
±25
1M - 100M
±50
100K - 100M
100K - 500M
±100
±200
±25
1M - 100M
±50
100K - 100M
100K - 500M
±100
±200
Proper terminal isolation is required to achieve the voltage ratings for each given size.
(1) The continuous maximum voltage applied cannot exceed the maximum power rating and is ohmic value dependent.
Note: Other case sizes and tolerances are available.
HVC3512
3
3500
HVC2010
HVC2512
1
2000
2
3000
HVC1206
0.33
HVC0805
0.2
1500
Type /
Code
TCR
(ppm/ºC)
600
10K - 100M
10K - 500M
10K - 1G
HVC0603
0.06
400
Power
Rating
(W)
@ 70ºC
Maximum
Working
Voltage
(V)
(1)
10K - 100M
10K - 500M
10K - 1G
10K - 100M
10K - 500M
1M - 500M
100K - 1G
100K - 10G
100K - 50G
10K - 10G
-
-
10K - 500M
10K - 1G
1M - 100M
100K - 500M
10K - 1G
1M - 100M
100K - 500M
10K - 10G
10K - 1G
10K - 10G
1M - 500M
100K - 1G
10K - 10G
100K - 10G
100K - 50G
10K - 100M
10K - 100M
10K - 500M
10K - 1G
10K - 100M
Ohmic Range (Ω) and Tolerance
10K - 500M
10K - 1G
10K - 500M
10K - 1G
10K - 10M
10K - 10M
10K - 1G
10K - 10G
10K - 1G


Similar Part No. - HVC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
HVC JIANGHAI-HVC Datasheet
456Kb / 2P
PC SMD 105째C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
High Voltage Chip Resistors
logo
HolyStone International
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
High Voltage NP0 and X7R Capacitors
logo
RUBYCON CORPORATION
HVC RUBYCON-HVC Datasheet
188Kb / 2P
POWER FILM CAPACITORS
logo
TT Electronics.
HVC TTELEC-HVC Datasheet
435Kb / 3P
Robust thick film construction
More results

Similar Description - HVC

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
Endured high voltage fixed thick film chip resistor
logo
IRC - a TT electronics ...
F44KU6806G50BLK IRCTT-F44KU6806G50BLK Datasheet
245Kb / 3P
High Voltage Thick Film Resistor
logo
MERITEK ELECTRONICS COR...
CRHV MERITEK-CRHV Datasheet
543Kb / 3P
High Voltage Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
High Voltage Thick Film Chip Resistor
logo
Samsung semiconductor
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
Stackpole Electronics, ...
RVC SEI-RVC Datasheet
337Kb / 6P
Medium Voltage Thick Film Chip Resistor
01/23/2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com