Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC2010 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # HVC2010
Description  High Voltage Thick Film Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HVC2010 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  HVC2010 Datasheet HTML 1Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 2Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev Date: 11/18/2020
5
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVC Series
High Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
H
V
C
B
2
5
1
2
F
K
C
1
0
M
0
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
Code
Description
Code
W
Code
Tol
Code
Description
Size
Quantity
Code ppm
0603
0.06
B
0.1%
0603, 0805
5000
E
25
0805
0.2
C
0.25%
1206
4000
C
50
HVCG
Wire bondable (gold)
1206
0.33
D
0.5%
2010
4000
D
100
10 Kohm = 10K0
Solderable single surface
2010
1
F
1%
2512
2000
L
200
1 Mohm = 1M00
(Sn/Pb)
2512
2
G
2%
7" Reel - Paper Tape
0603, 0805, 1206
1000
M
300
10 Gohm = 10G0
Solderable single surface
3512
3
J
5%
7" Reel - Plastic Tape
2010, 2512, 3512
1000
(100% matte tin)
K
10%
7" Reel - Paper Tape
0603, 0805, 1206
500
M
20%
7" Reel - Plastic Tape
2010, 2512, 3512
500
B
Bulk
All Sizes
1000
T
TCR
Packaging
7" Reel - Plastic Tape
K
HVCZ
HVCB
Solderable wraparound
(100% matte tin)
Product Series
Tolerance
HVCS
Size
Four characters with the
multiplier used as the
decimal holder.
7" Reel - Paper Tape
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com