Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR3JB10L0 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # MPR3JB10L0
Description  Flameproof Metal Plate Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MPR3JB10L0 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  MPR3JB10L0 Datasheet HTML 1Page - Stackpole Electronics, Inc. MPR3JB10L0 Datasheet HTML 2Page - Stackpole Electronics, Inc. MPR3JB10L0 Datasheet HTML 3Page - Stackpole Electronics, Inc. MPR3JB10L0 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 12/03/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MPR Series
Flameproof Metal Plate Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Small size with high power ratio
•
Low resistance values and low inductance
•
Crimped leads keep circuit board temperatures cooler
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Power Derating Curve:
Electrical Specifications
Mechanical Specifications
Type / Code
Unit
0.551 ± 0.059
0.197 ± 0.039
0.394 ± 0.039
0.031 ± 0.004
0.394 ± 0.039
inches
14.00 ± 1.50
5.00 ± 1.00
10.00 ± 1.00
0.80 ± 0.10
10.00 ± 1.00
mm
0.551 ± 0.059
0.197 ± 0.039
0.709 ± 0.039
0.031 ± 0.004
0.394 ± 0.039
inches
14.00 ± 1.50
5.00 ± 1.00
18.00 ± 1.00
0.80 ± 0.10
10.00 ± 1.00
mm
MPR5
d
P
L
W
H
MPR3
Performance Characteristics
Maximum
Maximum
Type / Code
Working
Overload
Voltage (V)
Voltage (V)
MPR3
3
MPR5
5
Power Rating (W)
@ 70ºC
TCR (ppm/ºC)
Ohmic Range (
Ω) and Tolerance
350
700
± 350
0.01 - 0.47
5%, 10%
Test
Test Limit
Test Method (JIS C 5201-1)
Short Time Overload
ΔR ≤ (2% Ro + 0.05Ω)
2.5X, 5 seconds
Dielectric Withstanding Voltage
500V
5.7
Thermal Shock
ΔR ≤ (2% Ro + 0.05Ω)
4.19
Temperature Coefficient
± 350 ppm/ºC
4.8
Load Life
ΔR ≤ (3% Ro + 0.05Ω)
4.25
Load Life with Humidity
ΔR ≤ (3% Ro + 0.05Ω)
4.23
Operating temperature range is -55°C to 275°C


Similar Part No. - MPR3JB10L0

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MPR3338S STANLEY-MPR3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
MPR3338S STANLEY-MPR3338S Datasheet
2Mb / 33P
Single Color 3 Round Shape Type
MPR3363K STANLEY-MPR3363K Datasheet
415Kb / 33P
Single Color Semi-Round Shape Type
MPR3373K STANLEY-MPR3373K Datasheet
407Kb / 33P
Single Color Semi-Round Shape Type
MPR3864K STANLEY-MPR3864K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
More results

Similar Description - MPR3JB10L0

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MFP16802FR IRCTT-MFP16802FR Datasheet
1Mb / 3P
Flameproof Power Metal Film Resistor
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
List of Unclassifed Man...
CSM0603 ETC2-CSM0603 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
logo
Vishay Siliconix
ULDCR12 VISHAY-ULDCR12 Datasheet
220Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
ULDCR11 VISHAY-ULDCR11 Datasheet
179Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
ULDCR00 VISHAY-ULDCR00 Datasheet
211Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
RSPF SEI-RSPF Datasheet
365Kb / 6P
Flameproof Power Resistor
10/22/2020
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
Square metal plate resistor Rectangular Type Metal Plate Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com