Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRT2010FT10R0-AS Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # CSRT2010FT10R0-AS
Description  Anti-sulfur Metal Film Low Resistance Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT2010FT10R0-AS Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  CSRT2010FT10R0-AS Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT2010FT10R0-AS Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT2010FT10R0-AS Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT2010FT10R0-AS Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT2010FT10R0-AS Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT2010FT10R0-AS Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT2010FT10R0-AS Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev Date: 5/20/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT_-AS Series
Anti-sulfur Metal Film Low Resistance Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Type/Code
Unit
0.110 ± 0.008
0.220 ± 0.008
inches
2.80 ± 0.20
5.60 ± 0.20
mm
0.134 ± 0.008
0.264 ± 0.008
0.472 ± 0.004
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
inches
3.40 ± 0.20
6.70 ± 0.20
12.00 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
4.00 ± 0.10
mm
0.110 ± 0.008
0.220 ± 0.008
inches
2.80 ± 0.20
5.60 ± 0.20
mm
0.134 ± 0.008
0.264 ± 0.008
inches
3.40 ± 0.20
6.70 ± 0.20
mm
CSRT1020_-AS
CSRT1225_-AS
E
F
G
CSRT2010_-AS
CSRT2512_-AS
A
B
W
Type/Code
D
Unit
inches
mm
0.079 ± 0.002
0.009 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
0.059 +0.004/-0
0.059 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
1.50 +0.10/-0
1.50 ± 0.10
mm
inches
mm
inches
mm
CSRT1020
CSRT1225
D1
CSRT2010_-AS
CSRT2512_-AS
H
T
T1
P
Packaging Specifications - Embossed Tape
Packaging Specifications - Paper Tape (cont.)
Type/Code
Unit
0.018 ± 0.004
0.079 ± 0.004
inches
0.45 ± 0.10
2.00 ± 0.10
mm
0.024 ± 0.004
0.157 ± 0.004
inches
0.60 ± 0.10
4.00 ± 0.10
mm
0.157 ± 0.004
0.079 ± 0.002
0.030 ± 0.004
0.157 ± 0.004
inches
4.00 ± 0.10
2.00 ± 0.05
0.75 ± 0.10
4.00 ± 0.10
mm
0.030 ± 0.004
0.157 ± 0.004
inches
0.75 ± 0.10
4.00 ± 0.10
mm
0.030 ± 0.004
0.157 ± 0.004
inches
0.75 ± 0.10
4.00 ± 0.10
mm
0.030 ± 0.004
0.157 ± 0.004
inches
0.75 ± 0.10
4.00 ± 0.10
mm
CSRT0612
0.059 +0.004/-0
1.50 +0.10/-0
P
CSRT0603_-AS
G
CSRT0402_-AS
D
CSRT0805_-AS
CSRT1206_-AS
CSRT1210_-AS
H
T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com