Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBO4YTYN080 Datasheet(PDF) 13 Page - Stackpole Electronics, Inc.

Part # FBO4YTYN080
Description  Multilayer Ferrite Chip Bead Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

FBO4YTYN080 Datasheet(HTML) 13 Page - Stackpole Electronics, Inc.

Back Button FBO4YTYN080 Datasheet HTML 9Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 10Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 11Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 12Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 13Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 14Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 15Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 16Page - Stackpole Electronics, Inc. FBO4YTYN080 Datasheet HTML 17Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Rev Date: 04/28/2020
13
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
FB Series
Multilayer Ferrite Chip Bead Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Performance Tests
Item
Specification
Test Condition / Test Method
Test device shall be soldered on the substrate
Substrate dimension: 100x40x1.6mm
Deflection: 2 mm
Keeping time: 30 seconds
For 0402, substrate dimension is 100x40x0.8mm
Test device shall be soldered on the substrate
Oscillation frequency: 10 to 55 to 10Hz for 1 minute
Amplitude: 1.5mm
Time: 2 hours for each axis (X,Y&Z). Total of 6 hours
Appearance: No damage
Pre-heating: 150°C, 1 minute
Solder temperature: 260±5°C
Immersion time: 10±1 seconds
Pre-heating: 150°C, 1 minute
Solder temperature: 245±5°C
Immersion time: 4±1 seconds
02 series: ≥0.2Kg
03 series: ≥0.5Kg
05 series: ≥1Kg
other series: ≥0.2Kg
One cycle:
Step 1: -55 ± 3°C for 30 minutes
Step 2: 25 ± 2°C for 3 minutes
Step 3: 125 ± 3°C for 30 minutes
Step 4: 25 ± 2°C for 3 minutes
Total: 100 cycles
Measured after exposure in the room condition for 24 hours
Temperature 40 ± 2°C
Appearance: No damage
Relative Humidity: 90~95% Time: 1000 hours
Impedance: within ±30% of initial value
Measured after exposure in the room condition for 24 hours
Temperature 125 ± 3°C
Relative Humidity: 0%
Applied Current: Rated Current Time 1000 hours
Measured after exposure in the room condition for 24 hours
Temperature: -55 ± 3°C
Relative Humidity: 0 Time: 1000 hours
Measured after exposure in the room condition for 24 hours
Test device shall be soldered on the substrate
Operating temperature: -55°C ~ 125°C
Storage temperature: 25 ± 3°C . Humidity < 80% RH
High Temperature Resistance
Low Temperature Resistance
Solderability
The electrodes shall be at least 90%
covered with new solder coating
Temperature Cycle
Humidity Resistance
Terminal Strength Test
The forces applied on the right conditions
must not damage the terminal electrode and
the ferrite
Vibration
Flexure Strength
More than 75% of the terminal electrode
should be covered with solder. Impedance:
within ± 30% of initial value
Resistance to Soldering Heat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com