Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP7360MT331 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # LP7360MT331
Description  SMD Unshielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LP7360MT331 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  LP7360MT331 Datasheet HTML 1Page - Stackpole Electronics, Inc. LP7360MT331 Datasheet HTML 2Page - Stackpole Electronics, Inc. LP7360MT331 Datasheet HTML 3Page - Stackpole Electronics, Inc. LP7360MT331 Datasheet HTML 4Page - Stackpole Electronics, Inc. LP7360MT331 Datasheet HTML 5Page - Stackpole Electronics, Inc. LP7360MT331 Datasheet HTML 6Page - Stackpole Electronics, Inc. LP7360MT331 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev Date: 10/03/2019
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LP Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LP5137(HP) (cont.)
Electrical Specifications – LP7360
LP5137MT101-HP
100
20%
100 KHz, 0.1V
0.22
2.5
LP5137MT121-HP
120
20%
100 KHz, 0.1V
0.32
2.2
LP5137MT151-HP
150
20%
100 KHz, 0.1V
0.34
2
LP5137MT181-HP
180
20%
100 KHz, 0.1V
0.42
1.8
LP5137MT221-HP
220
20%
100 KHz, 0.1V
0.44
1.6
LP5137MT271-HP
270
20%
100 KHz, 0.1V
0.6
1.3
LP5137MT331-HP
330
20%
100 KHz, 0.1V
0.7
1.2
LP5137MT391-HP
390
20%
100 KHz, 0.1V
0.85
1.1
LP5137MT471-HP
470
20%
100 KHz, 0.1V
0.95
1
LP5137MT561-HP
560
20%
100 KHz, 0.1V
1.1
1
LP5137MT681-HP
680
20%
100 KHz, 0.1V
1.2
1
LP5137MT821-HP
820
20%
100 KHz, 0.1V
1.5
0.82
LP5137MT102-HP
1000
20%
100 KHz, 0.1V
2
0.8
IDC
(A) max..
Type/Code
Inductance (μh)
Tolerance
Test Condition
DCR
(Ω) max.
LP7360MT1R0
1
20%
100 KHz, 0.1V
0.009
20
LP7360MT2R2
2.2
20%
100 KHz, 0.1V
0.014
16
LP7360MT3R3
3.3
20%
100 KHz, 0.1V
0.018
14
LP7360MT4R7
4.7
20%
100 KHz, 0.1V
0.019
13
LP7360MT5R6
5.6
20%
100 KHz, 0.1V
0.02
12
LP7360MT6R8
6.8
20%
100 KHz, 0.1V
0.022
10.6
LP7360MT8R2
8.2
20%
100 KHz, 0.1V
0.024
10.3
LP7360MT100
10
20%
100 KHz, 0.1V
0.031
10
LP7360MT120
12
20%
100 KHz, 0.1V
0.034
8.2
LP7360MT150
15
20%
100 KHz, 0.1V
0.036
8
LP7360MT180
18
20%
100 KHz, 0.1V
0.045
7.2
LP7360MT220
22
20%
100 KHz, 0.1V
0.047
7
LP7360MT270
27
20%
100 KHz, 0.1V
0.056
5.8
LP7360MT330
33
20%
100 KHz, 0.1V
0.066
5.5
LP7360MT390
39
20%
100 KHz, 0.1V
0.08
4.6
LP7360MT470
47
20%
100 KHz, 0.1V
0.095
4.5
LP7360MT560
56
20%
100 KHz, 0.1V
0.128
3.7
LP7360MT680
68
20%
100 KHz, 0.1V
0.13
3.5
LP7360MT820
82
20%
100 KHz, 0.1V
0.18
3.1
LP7360MT101
100
20%
100 KHz, 0.1V
0.19
3
LP7360MT121
120
20%
100 KHz, 0.1V
0.24
2.8
LP7360MT151
150
20%
100 KHz, 0.1V
0.25
2.6
LP7360MT181
180
20%
100 KHz, 0.1V
0.36
2.5
LP7360MT221
220
20%
100 KHz, 0.1V
0.38
2.4
LP7360MT271
270
20%
100 KHz, 0.1V
0.52
2
LP7360MT331
330
20%
100 KHz, 0.1V
0.56
1.9
LP7360MT391
390
20%
100 KHz, 0.1V
0.72
1.5
LP7360MT471
470
20%
100 KHz, 0.1V
0.85
1.4
LP7360MT561
560
20%
100 KHz, 0.1V
1.08
1.3
LP7360MT681
680
20%
100 KHz, 0.1V
1.1
1.2
LP7360MT821
820
20%
100 KHz, 0.1V
1.6
1.03
LP7360MT102
1000
20%
100 KHz, 0.1V
1.8
1
DCR
(Ω) max.
IDC
(A) max..
Type/Code
Inductance (μh)
Tolerance
Test Condition



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com