Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H02 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 10Page - STMicroelectronics L99H02 Datasheet HTML 11Page - STMicroelectronics L99H02 Datasheet HTML 12Page - STMicroelectronics L99H02 Datasheet HTML 13Page - STMicroelectronics L99H02 Datasheet HTML 14Page - STMicroelectronics L99H02 Datasheet HTML 15Page - STMicroelectronics L99H02 Datasheet HTML 16Page - STMicroelectronics L99H02 Datasheet HTML 17Page - STMicroelectronics L99H02 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Electrical specifications
L99H02
14/51
DS12547 Rev 6
9.6
VVS_UV
Undervoltage disable
low threshold
4.7
4.9
5.1
V
9.7
VVS_UVH
Undervoltage threshold
hysteresis
0.2
0.3
0.4
V
9.8.1
IS
VS DC supply current
VS =13V; VCC =5 V;
Active mode; Outputs
floating
4.5
5.5
6.5
mA
9.8.2
VS = 6 V to 28 V;
VCC =5.0 V; Active
mode; Outputs floating
2.5
18
mA
9.9
ISL
VS quiescent supply
current
VS =13V; VCC =0 V;
Standby mode;
TTest = -40°C, 25°C;
Outputs floating
5µA
9.10
ICC
VCC DC supply current
VS =13V; VCC =5 V;
active mode
1.5
1.8
2.5
mA
9.11
ICC
VCC quiescent supply
current
VCC = 5 V; standby
mode
30
70
150
µA
9.12
ICCd
VCCd supply current
VS = 13 V;
VCC =VCCd =5V;
active mode
250
500
750
µA
Table 10. Undervoltage detection
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
10.1
VPOR OFF Power-on reset threshold VCC increasing
2.2
2.55
2.8
V
10.2
VPOR ON Power-on reset threshold VCC decreasing
2.0
2.25
2.6
V
10.3
VPOR hyst
Power-on reset
hysteresis
VPOR OFF - VPOR ON
0.2
0.3
0.4
V
Table 11. Watchdog
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
11.1
TWDTO
Watchdog time out
—
50
60
100
ms
Table 9. Supply (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com