Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99SM81V Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99SM81V
Description  Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SM81V Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99SM81V Datasheet HTML 35Page - STMicroelectronics L99SM81V Datasheet HTML 36Page - STMicroelectronics L99SM81V Datasheet HTML 37Page - STMicroelectronics L99SM81V Datasheet HTML 38Page - STMicroelectronics L99SM81V Datasheet HTML 39Page - STMicroelectronics L99SM81V Datasheet HTML 40Page - STMicroelectronics L99SM81V Datasheet HTML 41Page - STMicroelectronics L99SM81V Datasheet HTML 42Page - STMicroelectronics L99SM81V Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
L99SM81V
Electrical characteristics
DocID027599 Rev 4
39/85
Table 11: AOUT electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VBG
Output voltage
bandgap
Tj = 25 °C
1.206
V
Whole range
accuracy
-40 °C < Tj < 150 °C;
6 V < VREG < 28 V
-2.5
2.5
%
TSENSE
Thermal sensor
output
Tj = 25 °C
1.32
V
Thermal coefficient
-4.24
mV/K
Table 12: OUTxn outputs (x = A,B; n = 1,2)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Rxn_HS
ON-resistance OUTxn to VS
VS = 13.5 V;
TJ = 25°C;
Ixn = -1.25 A
0.7
-
Ω
VS = 13.5 V;
TJ = 150 °C;
Ixn = -1.25 A
1.14
1.3
Ω
Rxn_LS
ON-resistance OUTxn to PGND
VS = 13.5 V;
TJ = 25 °C;
Ixn = 1.25 A
0.7
-
Ω
VS = 13.5 V;
TJ = 150 °C;
Ixn = 1.25 A
1.14
1.3
Ω
|IOCxn|
Output overcurrent protection
threshold
Static test
1.9
2.2
2.75
A
|IFSR|
Full scale current threshold in
RUN mode
CA[3:0] = 0x0F
1204
1353
1502
mA
CA[3:0] = 0x0E
1160
CA[3:0] = 0x0D
1051
CA[3:0] = 0x0C
920
CA[3:0] = 0x0B
812
CA[3:0] = 0x0A
679
CA[3:0] = 0x09
571
CA[3:0] = 0x08
465
CA[3:0] = 0x07
396
CA[3:0] = 0x06
375
CA[3:0] = 0x05
329
CA[3:0] = 0x04
323
CA[3:0] = 0x03
302
CA[3:0] = 0x02
220
CA[3:0] = 0x01
198
CA[3:0] = 0x00
141
176
211
mA
|IFSH|
Full scale output current in
HOLD mode
HC[3:0] = 0x0F
290
326
362
mA
HC[3:0] = 0x0E
292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com