Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA5635A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA5635A
Description  Automotive Universal GNSS RF Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5635A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA5635A Datasheet HTML 4Page - STMicroelectronics STA5635A Datasheet HTML 5Page - STMicroelectronics STA5635A Datasheet HTML 6Page - STMicroelectronics STA5635A Datasheet HTML 7Page - STMicroelectronics STA5635A Datasheet HTML 8Page - STMicroelectronics STA5635A Datasheet HTML 9Page - STMicroelectronics STA5635A Datasheet HTML 10Page - STMicroelectronics STA5635A Datasheet HTML 11Page - STMicroelectronics STA5635A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Pin description
STA5635A
8/20
DS12858 Rev 2
1.4
IO configurations
Eight of IO digital pin can have different functions. All functions are described in the Table 2.
Each pin can be configured one by one by using SPI Register #52.
Table 2. Digital pin function
Main Name
Description/function
Supply
domain
Type
MCLK / Q_Sign2
Digital interface clock (clock decimator filter)
1.8/3.3 V
Digital
Q-sign data of Secondary main
Enable / Q_Sign1
Enable for digital interface
1.8/3.3 V
Digital
Q-sign data of main chain
Digital
Q_Mag1
Q-mag data of main chain
1.8/3.3 V
Digital
D(0) / I_Sign1
I-sign and I-mag data of main chain
1.8/3.3 V
Digital
I-sign data of main chain
Sign data real of main chain
D(1) / I_Mag1
Q-sign and Q-mag data of main chain
1.8/3.3 V
Digital
I-mag data of main chain
Mag data real of main chain
D(2) / Q_Mag2
Q-mag data of secondary chain
1.8/3.3 V
Digital
GNSS Clock (64fo)
D(3) / I_Sign2
I-sign and I-mag data of secondary chain
1.8/3.3 V
Digital
I-sign data of secondary chain
Sign data real of secondary chain
D(4) / I_Mag2
Q-sign and Q-mag data of secondary chain
1.8/3.3 V
Digital
I-mag data of secondary chain
Mag data real of secondary chain
TCXO_CLK
TCXO output buffered signal at VCC_IO
1.8/3.3 V
Digital
TCXO output buffered signal at 1V1
CLK 64f0 (out of H divider) at VCC_IO
MCLK at VCC_IO (clock decimator filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com