Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB0813-TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPSB0813-TR
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813-TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPSB0813-TR Datasheet HTML 36Page - STMicroelectronics SPSB0813-TR Datasheet HTML 37Page - STMicroelectronics SPSB0813-TR Datasheet HTML 38Page - STMicroelectronics SPSB0813-TR Datasheet HTML 39Page - STMicroelectronics SPSB0813-TR Datasheet HTML 40Page - STMicroelectronics SPSB0813-TR Datasheet HTML 41Page - STMicroelectronics SPSB0813-TR Datasheet HTML 42Page - STMicroelectronics SPSB0813-TR Datasheet HTML 43Page - STMicroelectronics SPSB0813-TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 135 page
background image
3.22
Functional safety management
Even if not designed as safety HW element, the device contains some features that can be used to support
application that needs to fulfill functional safety requirements. Analysis of the IC’s capability to reach the required
safety level, should be made at system level under user responsibility.
The following device safety requirements have been considered for a typical application:
Table 12. Safety requirement
ID
Description
TSR1
SPSB081 shall guarantee the correct operation of the voltage regulator V1 as specified in
datasheet.
TSR2
SPSB081 shall guarantee the correct operation of the voltage regulator V2 as specified in
datasheet.
TSR3
SPSB081 shall assert the NRESET signal in case of WD failure.
TSR4
The SPI interface embedded in SPSB081 shall provide to microcontroller device diagnostic info.
TSR5
SPSB081 shall guarantee the correct functionality of HSD(s) as for the datasheet specification.
TSR6
SPSB081 shall ensure LIN physical layer operation as defined in datasheet.
TSR7
SPSB081 shall ensure CAN FD physical layer operation as defined in datasheet.
More details about functional safety can be found in the device safety manual, provided on customer request.
SPSB081
Functional safety management
DS14048 - Rev 1
page 40/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com