Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB0813 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 65Page - STMicroelectronics SPSB0813 Datasheet HTML 66Page - STMicroelectronics SPSB0813 Datasheet HTML 67Page - STMicroelectronics SPSB0813 Datasheet HTML 68Page - STMicroelectronics SPSB0813 Datasheet HTML 69Page - STMicroelectronics SPSB0813 Datasheet HTML 70Page - STMicroelectronics SPSB0813 Datasheet HTML 71Page - STMicroelectronics SPSB0813 Datasheet HTML 72Page - STMicroelectronics SPSB0813 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 135 page
background image
Note:
CAN low power mode, biasing inactive: Tested in CAN TRX STDBY (bias off) state while the device is in active
mode, V1_standby mode and Vbat_standby mode.
Table 47. CAN receiver input resistance
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
Rdiff
Differential internal
resistance
VTXDC = VTXDCHIGH; no load
Rdiff = RCANH + RCANL
-2,0 V ≤ VCANH ≤ +7,0 V;
-2,0 V ≤ VCANL ≤ +7,0 V (1)
12
100
kΩ
E.044
RCANH, CANL
Single ended
internal resistance
VTXDC = VTXDCHIGH; no load
-2,0 V ≤ VCANH ≤ +7,0 V;
-2,0 V ≤ VCANL ≤ +7,0 V(1)
6
50
kΩ
E.045
mR
Internal
Resistance
matching
RCANH,CANL
Biasing active; VTXDC =
VTXDCHIGH; no load; mR = 2 x
(RCAN_H - RCAN_L) / (RCAN_H
+ RCAN_L)
10k resistor between CANH-
CANL pin with external 5 V
-0.03
0.03
E.046
1. Voltage Range is taken from ISO CD 16845-2 (High-speed medium access unit - Conformance test plan).
Note:
CAN normal and low power mode, biasing active: Tested in TRX normal and CAN TRX STDBY (bias on) state
while the device is in active and V1_standby mode.
Table 48. CAN transceiver delay
Symbol
Parameter
Condition
Min Typ
Max Unit Item
tLOOP,hl
Loop delay TXDC to
RXDC (high to low)
5.5 V < VSREG < 18 V;
RL=60 Ω ±1%;
CL = 100pF;
30% VTXDC – 30% VRXDC;
TXDC fall time = 10ns (90% - 10%); CRXDC=15 pF
255
ns
E.047
tLOOP,lh
Loop delay TXDC to
RXDC (low to high)
5.5 V < VSREG < 18 V;
RL=60 Ω ±1%;
CL = 100 pF;
70% VTXD – 70% VRXD ;
TXDC rise time = 10 ns (10% - 90%); CRXDC=15
pF
255
ns
E.048
tLOOP150,hl
Loop delay TXDC to
RXDC (high to low)
with 150Ω bus load
5.5 V < VSREG < 18 V;
RL=150 Ω;
CL = 100 pF;
30% VTXDC – 30% VRXDC;
TXDC fall time = 10ns (90% - 10%); CRXDC=15 pF
350
ns
E.049
tLOOP150,lh
Loop delay TXDC to
RXDC (low to high)
with 150Ω bus load
5.5 V < VSREG < 18 V;
RL=150 Ω;
CL = 100 pF;
70% VTXD – 70% VRXD ;
350
ns
E.050
SPSB081
CAN FD transceiver
DS14048 - Rev 1
page 69/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com